Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC725 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC725
Description  Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC725 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC725 Datasheet HTML 1Page - Burr-Brown (TI) DAC725 Datasheet HTML 2Page - Burr-Brown (TI) DAC725 Datasheet HTML 3Page - Burr-Brown (TI) DAC725 Datasheet HTML 4Page - Burr-Brown (TI) DAC725 Datasheet HTML 5Page - Burr-Brown (TI) DAC725 Datasheet HTML 6Page - Burr-Brown (TI) DAC725 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dual 16-Bit
DIGITAL-TO-ANALOG CONVERTER
DAC725
High
Byte
Low
Byte
D/A
Latch
8
8
16
16-
Bit
D/A
(A)
Control Logic
CLR
CS (A)
WR (A)
A
A
A
0
1
2
CS (B)
WR (B)
8-Bit
Data Bus
High
Byte
Low
Byte
D/A
Latch
8
8
16
16-
Bit
D/A
(B)
FEATURES
q COMPLETE DUAL V
OUT DAC
q DOUBLE-BUFFERED INPUT REGISTER
q HIGH-SPEED DATA INPUT:
Serial or Parallel
q HIGH ACCURACY:
±0.003% Linearity Error
q 14-BIT MONOTONICITY OVER
TEMPERATURE
q PLASTIC PACKAGE
q CLEAR INPUT TO SET ZERO OUTPUT
DESCRIPTION
The DAC725 is a dual 16-bit DAC, complete with
internal reference and output op amps. The DAC725 is
designed to interface to an 8-bit microprocessor bus,
but can also be interfaced to wider buses. The hybrid
construction minimizes the digital feedthrough typi-
cally associated with products that combine the digital
bus interface circuitry with high-accuracy analog cir-
cuitry.
The 16-bit data word is loaded into either of the DACs
in two 8-bit bytes per 16-bit word. The versatility of
the control lines allows the data word to be directed to
either DAC, in any order. The voltage-out DACs are
dedicated to a bipolar output voltage of
±10V. The
output is immediately set to 0V when the Clear com-
mand is given. This feature, combined with the bus
interfacing and complete DAC circuitry, makes the
DAC725 ideal for automatic test equipment, power
control, servo systems, and robotics applications.
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd. • Tucson, AZ 85706
Tel: (520) 746-1111 • Twx: 910-952-1111 • Cable: BBRCORP
• Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1987 Burr-Brown Corporation
PDS-757D
Printed in U.S.A. August, 1993


Similar Part No. - DAC725

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
DAC729JH BURR-BROWN-DAC729JH Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
DAC729KH BURR-BROWN-DAC729KH Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
DAC729KH-BI BURR-BROWN-DAC729KH-BI Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
DAC72BH BURR-BROWN-DAC72BH Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
More results

Similar Description - DAC725

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com