Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0296A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0296A
Description  SAW Filter 300 MHz SMD 3.0x3.0 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0296A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0296A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0296A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0296A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0296A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0296A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 300MHz
MODEL NO.: TB0296A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. Operating Temperature: -40°C to 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
-
300
-
-
Insertion Loss, IL
dB
-
8.3
10
-
Passband width, BW3
MHz
4.5
7.3
-
-
Amplitude Ripple in Fc±1MHz
dB
-
0.8
1
-
Group delay ripple in Fc±1MHz
nS
-
70
100
-
Phase Linearity in Fc±1MHz
deg
1.6
4
Attenuation:(Reference level from Min IL)
10 MHz to 270 MHz
dB
35
38
-
-
270 MHz to 287 MHz
dB
25
28
-
-
313 MHz to 330 MHz
dB
25
32
-
-
330 MHz to 500 MHz
dB
35
40
-
-
C.MEASUREMENT CIRCUIT:
Input L1=39nH, C1=20pF
Output L2=47nH, C2=18pF
3
7
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0296A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0296A GOLLEDGE-TB0296A Datasheet
126Kb / 4P
   SAW Filter 300.0MHz
More results

Similar Description - TB0296A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
TA0627A TAI-SAW-TA0627A Datasheet
326Kb / 7P
   SAW Filter 895.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com