Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC715PK Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC715PK
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC715PK Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC715PK Datasheet HTML 3Page - Burr-Brown (TI) DAC715PK Datasheet HTML 4Page - Burr-Brown (TI) DAC715PK Datasheet HTML 5Page - Burr-Brown (TI) DAC715PK Datasheet HTML 6Page - Burr-Brown (TI) DAC715PK Datasheet HTML 7Page - Burr-Brown (TI) DAC715PK Datasheet HTML 8Page - Burr-Brown (TI) DAC715PK Datasheet HTML 9Page - Burr-Brown (TI) DAC715PK Datasheet HTML 10Page - Burr-Brown (TI) DAC715PK Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
DAC715
D15
MSB
16-Bit Input Latch
16-Bit D/A Latch
28
27
26
25
24
23
22
21
20
19
18
17
D0
LSB
6
5
+10V
Reference
2
1
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
10
WR
12
A
0
11
A
1
9
CLR
8
– V
CC
16
15
14
13
Offset
Adjust
4
3
V
OUT
D/A Switches
–V
CC
+2.5V
15k
170
10k
5k
Offset Adjustment
Apply the digital input code that produces zero output
voltage and adjust the offset potentiometer or the offset
adjust D/A converter for 0V.
FIGURE 3. Relationship of Offset and Gain Adjustments.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a unipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
FIGURE 2. Equivalent Circuit of Digital Inputs.
FIGURE 1. DAC715 Block Diagram.
R
R = 1k
Ω: A
0, A1, WR, CLR
3k
Ω: D0...D15
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
7FFF
H
0000
H
8000
H
Full Scale
Range
Gain Adjust
Rotates the Line
Zero
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%
+ Full Scale


Similar Part No. - DAC715PK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715PK TI1-DAC715PK Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715PKG4 TI1-DAC715PKG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Similar Description - DAC715PK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com