Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC716UB Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC716UB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716UB Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC716UB Datasheet HTML 1Page - Burr-Brown (TI) DAC716UB Datasheet HTML 2Page - Burr-Brown (TI) DAC716UB Datasheet HTML 3Page - Burr-Brown (TI) DAC716UB Datasheet HTML 4Page - Burr-Brown (TI) DAC716UB Datasheet HTML 5Page - Burr-Brown (TI) DAC716UB Datasheet HTML 6Page - Burr-Brown (TI) DAC716UB Datasheet HTML 7Page - Burr-Brown (TI) DAC716UB Datasheet HTML 8Page - Burr-Brown (TI) DAC716UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
DAC716
DIFFERENTIAL
LINEARITY ERROR
TEMPERATURE
PRODUCT
PACKAGE
T
MIN to TMAX
RANGE
DAC716P
Plastic DIP
±8 LSB
–40
°C to +85°C
DAC716U
Plastic SOIC
±8 LSB
–40
°C to +85°C
DAC716PB
Plastic DIP
±4 LSB
–40
°C to +85°C
DAC716UB
Plastic SOIC
±4 LSB
–40
°C to +85°C
DAC716PK
Plastic DIP
±2 LSB
0
°C to +70°C
DAC716UK
Plastic SOIC
±2 LSB
0
°C to +70°C
PIN CONFIGURATION
Top View
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
PIN DESCRIPTIONS
PIN
LABEL
DESCRIPTION
1
CLK
Serial Data Clock
2A0
Enable for Input Register (Active Low)
3A1
Enable for D/A Latch (Active Low)
4
SDI
Serial Data Input
5
SDO
Serial Data Output
6
DCOM
Digital Supply Ground
7+VCC
Positive Power Supply
8
ACOM
Analog Supply Ground
9VOUT
D/A Output
10
NC
No Connection
11
NC
No Connection
12
VREF OUT
Voltage Reference Output
13
Offset Adjust
Offset Adjust
14
Gain Adjust
Gain Adjust
15
–VCC
Negative Power Supply
16
CLR
Clear
ORDERING INFORMATION
SOIC/DIP
+VCC to Common .................................................................... 0V to +17V
–VCC to Common .................................................................... 0V to –17V
+VCC to –VCC ....................................................................................... 34V
ACOM to DCOM ...............................................................................
±0.5V
Digital Inputs to Common ............................................. –1V to (VCC –0.7V)
External Voltage Applied to BPO and Range Resistors .....................
±V
CC
VREF OUT ......................................................... Indefinite Short to Common
V
OUT ............................................................... Indefinite Short to Common
SDO ............................................................... Indefinite Short to Common
Power Dissipation .......................................................................... 750mW
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
CLK
A
0
A
1
SDI
SDO
DCOM
+V
CC
ACOM
DAC716
CLR
–V
CC
Gain Adjust
Offset Adjust
V
REF OUT
NC
NC
V
OUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
DAC716P
Plastic DIP
180
DAC716U
Plastic SOIC
211
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet,
or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION


Similar Part No. - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716UB TI1-DAC716UB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716UBG4 TI1-DAC716UBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Similar Description - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com