Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF10A400HPI-1 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SF10A400HPI-1
Description  400V, 10A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF10A400HPI-1 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SF10A400HPI-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSD-D0O019-001
3
Electrical Characteristic Curves
Fig. 3 PF - IO (Per Diode)
Fig. 2 IR - VR (Per Diode)
Fig. 4 CT - VR (Per Diode)
Fig. 5 IFSM – Number of cycle (Per Diode)
Fig. 6 IO derating - TC (Total)
Fig.1 IF - VF (Per Diode)
SF10A400HPI


Similar Part No. - SF10A400HPI-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HPI KODENSHI-SF10A400HPI Datasheet
286Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
More results

Similar Description - SF10A400HPI-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HPR-1 KODENSHI-SF10A400HPR-1 Datasheet
288Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A400HPI KODENSHI-SF10A400HPI Datasheet
286Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
SF10S400D2 KODENSHI-SF10S400D2 Datasheet
287Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H-1 KODENSHI-SF10A400H-1 Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
KSD-D6S003-002 KODENSHI-KSD-D6S003-002 Datasheet
291Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H KODENSHI-SF10A400H Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPI-1 KODENSHI-SF20A400HPI-1 Datasheet
287Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPI KODENSHI-SF20A400HPI Datasheet
298Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
284Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com