Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7624 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7624
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7624 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC7624 Datasheet HTML 1Page - Burr-Brown (TI) DAC7624 Datasheet HTML 2Page - Burr-Brown (TI) DAC7624 Datasheet HTML 3Page - Burr-Brown (TI) DAC7624 Datasheet HTML 4Page - Burr-Brown (TI) DAC7624 Datasheet HTML 5Page - Burr-Brown (TI) DAC7624 Datasheet HTML 6Page - Burr-Brown (TI) DAC7624 Datasheet HTML 7Page - Burr-Brown (TI) DAC7624 Datasheet HTML 8Page - Burr-Brown (TI) DAC7624 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
DAC7624/7625
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
REFH
V
OUTB
V
OUTA
V
SS
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
V
OUTD
V
DD
NIC
CS
A0
A1
R/W
DB11 (MSB)
DB10
DB9
DB8
DB7
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC7624
DAC7625
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
REFH
V
OUTB
V
OUTA
V
SS
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
V
OUTD
V
DD
NIC
CS
A0
A1
R/W
DB11 (MSB)
DB10
DB9
DB8
DB7
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC7624
DAC7625
Top View
DIP
SOIC
PIN DESCRIPTIONS
PIN CONFIGURATIONS
PIN
NAME
DESCRIPTION
1VREFH
Reference Input Voltage High. Sets maximum output voltage for all DACs.
2VOUTB
DAC B Voltage Output.
3VOUTA
DAC A Voltage Output.
4VSS
Negative Analog Supply Voltage, 0V or –5V.
5
GND
Ground.
6
RESET
Asynchronous Reset Input. Sets DAC and input registers to either mid-scale (800H, DAC7624) or zero-scale (000H, DAC7625)
when LOW.
7
LDAC
Load DAC Input. All DAC Registers are transparent when LOW.
8
DB0
Data Bit 0. Least significant bit of 12-bit word.
9
DB1
Data Bit 1
10
DB2
Data Bit 2
11
DB3
Data Bit 3
12
DB4
Data Bit 4
13
DB5
Data Bit 5
14
DB6
Data Bit 6
15
DB7
Data Bit 7
16
DB8
Data Bit 8
17
DB9
Data Bit 9
18
DB10
Data Bit 10
19
DB11
Data Bit 11. Most significant bit of 12-bit word.
20
R/W
Read/Write Control Input (read = HIGH, write = LOW).
21
A1
Register/DAC Select (C or D = HIGH, A or B = LOW).
22
A0
Register/DAC Select (B or D = HIGH, A or C = LOW).
23
CS
Chip Select Input.
24
NIC
Not Internally Connected. Pin has no internal connection to the device.
25
VDD
Positive Analog Supply Voltage, +5V nominal.
26
VOUTD
DAC D Voltage Output.
27
VOUTC
DAC C Voltage Output.
28
VREFL
Reference Input Voltage Low. Sets minimum output voltage for all DACs.


Similar Part No. - DAC7624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7624 TI1-DAC7624 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624P TI1-DAC7624P Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624PB TI1-DAC7624PB Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624U TI1-DAC7624U Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624U/1K TI1-DAC7624U/1K Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com