Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7625P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC7625P
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7625P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC7625P Datasheet HTML 1Page - Burr-Brown (TI) DAC7625P Datasheet HTML 2Page - Burr-Brown (TI) DAC7625P Datasheet HTML 3Page - Burr-Brown (TI) DAC7625P Datasheet HTML 4Page - Burr-Brown (TI) DAC7625P Datasheet HTML 5Page - Burr-Brown (TI) DAC7625P Datasheet HTML 6Page - Burr-Brown (TI) DAC7625P Datasheet HTML 7Page - Burr-Brown (TI) DAC7625P Datasheet HTML 8Page - Burr-Brown (TI) DAC7625P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
DAC7624/7625
ABSOLUTE MAXIMUM RATINGS(1)
VDD to VSS ............................................................................. –0.3V to 11V
VDD to GND .......................................................................... –0.3V to 5.5V
VREFL to VSS .............................................................. –0.3V to (VDD – VSS)
VDD to VREFH ............................................................. –0.3V to (VDD – VSS)
VREFH to VREFL .......................................................... –0.3V to (VDD – VSS)
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
DIFFERENTIAL
SPECIFICATION
PACKAGE
LINEARITY
LINEARITY
TEMPERATURE
DRAWING
PRODUCT
ERROR (LSB)
ERROR (LSB)
RANGE
PACKAGE
NUMBER(1)
DAC7624P
±2
±1
–40
°C to +85°C
28-Pin Plastic DIP
215
DAC7624U
±2
±1
–40
°C to +85°C
28-Lead SOIC
217
DAC7624PB
±1
±1
–40
°C to +85°C
28-Pin Plastic DIP
215
DAC7624UB
±1
±1
–40
°C to +85°C
28-Lead SOIC
217
DAC7625P
±2
±1
–40
°C to +85°C
28-Pin Plastic DIP
215
DAC7625U
±2
±1
–40
°C to +85°C
28-Lead SOIC
217
DAC7625PB
±1
±1
–40
°C to +85°C
28-Pin Plastic DIP
215
DAC7625UB
±1
±1
–40
°C to +85°C
28-Lead SOIC
217
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - DAC7625P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7625P TI1-DAC7625P Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7625PB TI1-DAC7625PB Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7625P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com