Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC811 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC811
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC811 Datasheet(HTML) 9 Page - Burr-Brown (TI)

  DAC811 Datasheet HTML 1Page - Burr-Brown (TI) DAC811 Datasheet HTML 2Page - Burr-Brown (TI) DAC811 Datasheet HTML 3Page - Burr-Brown (TI) DAC811 Datasheet HTML 4Page - Burr-Brown (TI) DAC811 Datasheet HTML 5Page - Burr-Brown (TI) DAC811 Datasheet HTML 6Page - Burr-Brown (TI) DAC811 Datasheet HTML 7Page - Burr-Brown (TI) DAC811 Datasheet HTML 8Page - Burr-Brown (TI) DAC811 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
®
DAC811
INTERFACING MULTIPLE DAC811s
IN 8-BIT SYSTEMS
Many applications, such as automatic test systems, require
that the outputs of several D/A converters be updated simul-
taneously. The interface shown in Figure 12 uses a 74LS138
decoder to decode a set of eight adjacent addresses, to load
the input latches of four DAC811s. The example shows a
right-justified data format.
A ninth address using A3 causes all DAC811s to be updated
simultaneously. If a particular DAC811 is always loaded
last—for instance, D/A #4—A3 is not needed, thus saving
ADDRESS BUS
A3
A2
A1
A0
OPERATION
0
0
0
0
Load 8 LSB – D/A #1
0
0
0
1
Load 4 MSB – D/A #1
0
0
1
0
Load 8 MSB – D/A #2
0
0
1
1
Load 4 MSB – D/A #2
0
1
0
0
Load 8 MSB – D/A #3
0
1
0
1
Load 4 MSB – D/A #3
0
1
1
0
Load 8 MSB – D/A #4
0
1
1
1
Load 4 MSB – D/A #4
1
X
X
X
Load D/A Latch—All D/A
FIGURE 12. Interfacing Multiple DAC811s to an 8-Bit Bus.
eight address spaces for other uses. Incorporate A3 into the
base address decoder, remove the inverter, connect the
common LDAC line to NC of D/A #4, and connect D1 of the
74LS138 to +5V.
12- AND 16-BIT MICROCOMPUTER INTERFACE
For this application, the input latch enable lines, NA, NB and
NC, are tied low, causing the latches to be transparent. The
D/A latch, and therefore DAC811, is selected by the address
decoder and strobed by WR.
Base
Address
Decoder
WR
A
A
15
4
A
A
A
2
1
0
A
3
74LS138
C
B
A
G
G
G
2A
2B
1
WR
LDAC
N
N
N
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
15
14
13
12
11
10
9
7
3
2
1
4
6
5
CS
DAC811
(4)
C
B
A
WR
LDAC
N
N
N
DAC811
(1)
C
B
A
WR
LDAC
N
N
N
DAC811
(2)
C
B
A


Similar Part No. - DAC811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811AH TI1-DAC811AH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811BH TI1-DAC811BH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JP TI1-DAC811JP Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JPG4 TI1-DAC811JPG4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com