Electronic Components Datasheet Search |
|
FTLF1318P2XTL Datasheet(PDF) 5 Page - Finisar Corporation. |
|
FTLF1318P2XTL Datasheet(HTML) 5 Page - Finisar Corporation. |
5 / 12 page FTLF1318P2xTL SFP Product Specification – April 2007 F i n i s a r © Finisar Corporation April 12, 2007 Rev. A1 Page 5 V. General Specifications Parameter Symbol Min Typ Max Units Ref. Data Rate BR 1062 1250 Mb/sec 1 Bit Error Rate BER 10 -12 2 Max. Supported Link Length on 9/125 μm SMF @ 1X Fibre Channel LMAX1 10 km 3, 4 Max. Supported Link Length on 9/125 μm SMF @ Gigabit Ethernet LMAX2 10 km 3, 4 Notes: 1. Gigabit Ethernet and 1x Fibre Channel compliant. 2. Tested with a PRBS 2 7-1 test pattern. 3. Dispersion limited per FC-PI-2 Rev. 10 4. Attenuation of 0.55 dB/km is used for the link length calculations. Distances are indicative only. Please refer to the Optical Specifications in Table IV to calculate a more accurate link budget based on specific conditions in your application. VI. Environmental Specifications Finisar 1310nm Industrial Temperature SFP transceivers have an operating temperature range from -40°C to +85°C case temperature. Parameter Symbol Min Typ Max Units Ref. Case Operating Temperature Top -40 85 °C Storage Temperature Tsto -40 100 °C VII. Regulatory Compliance Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations. These products are certified by TÜV and CSA to meet the Class 1 eye safety requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request. |
Similar Part No. - FTLF1318P2XTL |
|
Similar Description - FTLF1318P2XTL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |