Electronic Components Datasheet Search |
|
DAC813KU Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
DAC813KU Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 11 page 3 ® DAC813 The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. +VCC to ACOM .......................................................................... 0 to +18V –VCC to ACOM .......................................................................... 0 to –18V +VCC to –VCC ............................................................................ 0 to +36V DCOM with respect to ACOM ............................................................. ±4V Digital Inputs (Pins 11–15, 17–28) to DCOM .................... –0.5V to +VCC External Voltage Applied to BPO Span Resistor .............................. ±V CC VREF OUT ........................................................... Indefinite Short to ACOM VOUT ................................................................. Indefinite Short to ACOM Power Dissipation .......................................................................... 750mW Lead Temperature (soldering, 10s) ............................................... +300 °C Max Junction Temperature ............................................................ +165 °C Thermal Resistance, θ J-A: Plastic DIP and SOIC ........................ 130°C/W Ceramic DIP ......................................... 85 °C/W NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS(1) PIN NAME DESCRIPTION 1+VL Positive supply pin for logic circuits. Connect to +VCC. 2, 3 20V Range Connect Pin 2 or Pin 3 to Pin 9 (VOUT) for a 20V FSR. Connect both to Pin 9 for a 10V FSR. 4 BPO Bipolar offset. Connect to Pin 6 (VREF OUT) through 100 Ω resistor or 200Ω potentiometer for bipolar operation. 5 ACOM Analog common, ±V CC supply return. 6VREF OUT +10V reference output referred to ACOM. 7VREF IN Connected to VREF OUT through a 1kΩ gain adjustment potentiometer or a 500 Ω resistor. 8+VCC Analog supply input, nominally +12V to +15V referred to ACOM. 9VOUT D/A converter voltage output. 10 –VCC Analog supply input, nominally –12V or –15V referred to ACOM. 11 WR Master enable for LDAC, LLSB, and LMSB. Must be low for data transfer to any latch. 12 LDAC Load DAC. Must be low with WR for data transfer to the D/A latch and simultaneous update of the D/A converter. 13 Reset When low, resets the D/A latch such that a Bipolar Zero output is produced. This control overrides all other data input operations. 14 LMSB Enable for 4-bit input latch of D8-D11 data inputs. NOTE: This logic path is slower than the WR path. 15 LLSB Enable for 8-bit input latch of D0-D7 data inputs. NOTE: This logic path is slower than the WR path. 16 DCOM Digital common. 17 D0 Data Bit 1, LSB. 18 D1 Data Bit 2. 19 D2 Data Bit 3. 20 D3 Data Bit 4. 21 D4 Data Bit 5. 22 D5 Data Bit 6. 23 D6 Data Bit 7. 24 D7 Data Bit 8. 25 D8 Data Bit 9. 26 D9 Data Bit 10. 27 D10 Data Bit 11. 28 D11 Data Bit 12, MSB, positive true. PIN DESCRIPTIONS ELECTROSTATIC DISCHARGE SENSITIVITY Electrostatic discharge can cause damage ranging from per- formance degradation to complete device failure. Burr- Brown Corporation recommends that all integrated circuits be handled and stored using appropriate ESD protection methods. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet published specifications. PACKAGE/ORDERING INFORMATION PACKAGE LINEARITY GAIN DRAWING TEMPERATURE ERROR, MAX DRIFT PRODUCT PACKAGE NUMBER(1) RANGE AT +25 °C (LSB) (ppm/ °C) DAC813JP 28-Pin Plastic DIP 246 0 °C to +70°C ±1/2 ±30 DAC813JU 28-Lead Plastic SOIC 217 0 °C to +70°C ±1/2 ±30 DAC813KP 28-Pin Plastic DIP 246 0 °C to +70°C ±1/4 ±15 DAC813KU 28-Lead Plastic SOIC 217 0 °C to +70°C ±1/4 ±15 DAC813AU 28-Lead Plastic SOIC 217 –40 °C to +85°C ±1/2 ±30 NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. |
Similar Part No. - DAC813KU |
|
Similar Description - DAC813KU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |