Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC101U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC101U
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC101U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DDC101U Datasheet HTML 3Page - Burr-Brown (TI) DDC101U Datasheet HTML 4Page - Burr-Brown (TI) DDC101U Datasheet HTML 5Page - Burr-Brown (TI) DDC101U Datasheet HTML 6Page - Burr-Brown (TI) DDC101U Datasheet HTML 7Page - Burr-Brown (TI) DDC101U Datasheet HTML 8Page - Burr-Brown (TI) DDC101U Datasheet HTML 9Page - Burr-Brown (TI) DDC101U Datasheet HTML 10Page - Burr-Brown (TI) DDC101U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
DDC101
®
PIN DESCRIPTIONS (CONT)
PIN
NUMBER
NAME
DESCRIPTION
18
DATA TRANSMIT In
This input controls the transmission of data from the serial I/O register of the DDC101. It can be activated
anytime after DATA VALID out becomes active. It must remain active until all data has been collected from the
serial I/O register(s) of all DDC101s in the data path.
19
READ DATA/
This input can be used to read back the current SETUP data. When this input is held high, the output from DATA
SETUP In
OUTPUT is the data collected by the DDC101. When this input is pulled low, an internal shift register is loaded
with the current SETUP data on the rising edge of DATA CLOCK. This SETUP data shift register is logically
connected between DATA INPUT and DATA OUTPUT pins and can be read in the same way that the data
output is read. SETUP data read back does not invalidate data already stored in the DDC101's serial I/O register
or data being
collected by the DDC101, although digital noise concerns should be considered as
discussed in DATA CLOCK.
20
SETUP In
This input pin controls the DDC101 SETUP. A 12-bit digital word transmitted into this pin controls Acquisition
Time, K, Oversampling, M, Multiple Integrations, L, Input Range and Output Data Format. The DDC101 reads
the SETUP code at this pin after the RESET SETUP input transitions from active to inactive. The SETUP code
is read into the SETUP register on the 12 positive data clock transitions following that transition.
21
RESET SETUP
Resets SETUP register only, does not reset balance of DDC101. The DDC101 reads SETUP input data after
this input transitions from active (reset) to inactive.
22
TEST In
This is a digital input that controls the connection of an internal DC current source to the DDC101's input. TEST
In exercises the DDC101 and is intended to test for functionality only. The typical test input current is 100nA
±20nA. The quiescent current of the DDC101 increases by approximately 1mA when TEST In is active. When
TEST is HIGH, the internal current source is ON and current is flowing into the DDC101 input. When TEST is
LOW, the current source is disconnected from the input.
23
V
REF
An external –2.5V reference must be connected to the REFERENCE In pin. Use of an external reference allows
multiple DDC101s to use the same system reference for optimum channel matching. The external reference
should be filtered to minimize noise contribution (see Figure 24).
24
REFERENCE
An external capacitor of 10
µF should be connected to this node to provide proper operation of the internal
BUFFER BYPASS
D/A converter. The REFERENCE In pin is connected to an internal reference buffer
amplifier. The internal reference buffer drives the internal CDAC. This buffer output is not intended for external
use.
SECTION 4
TIMING CHARACTERISTICS
All specifications with Unipolar input range, TINT = 1ms, Current Input, Correlated Double Sampling enabled, Sys Clock = 2MHz, VREF = –2.5V, TA = +25°C and
VS = ±5VDC, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
FDS Setup
30
ns
t2
FDS width, Continuous Conversion
50
(M–1) Clocks+t1+100ns ns
t3
FDS width, Asynchronous Conversion
M Clocks+t1
ns
t4
FDS HIGH to start of next integration, Asynchronous Conversion
50
ns
t5
Setup time for RESET SETUP HIGH to DATA CLOCK HIGH
60
ns
t6
Setup time for Setup Codes data valid before rising edge of DATA Clock
30
ns
t7
Hold time for Setup Codes data valid after rising edge of DATA Clock
30
ns
t8
Propagation delay from rising edge of SYSTEM CLOCK to DATA VALID LOW
50
ns
t9
Propagation delay from DATA TRANSMIT LOW to DATA VALID HIGH
35
ns
t10
Setup time for DATA CLOCK LOW to DATA TRANSMIT LOW
30
ns
t11
Propagation delay from DATA TRANSMIT LOW to valid data out
30
ns
t12
Hold time that Data output is valid after falling edge of DATA CLOCK
10
ns
t13
Propagation delay from DATA TRANSMIT HIGH to Data Output tri-stated
40
ns
t14
Propagation delay from falling edge of SYSTEM CLOCK to OVERFLOW+ and
25
ns
OVERFLOW–cleared
t15
SYSTEM CLOCK pulse width HIGH
240
ns
t16
SYSTEM CLOCK pulse width LOW
240
ns
t17
DATA VALID LOW to DATA TRANSMIT LOW, Single DDC101
30
(LxN–21) Clocks
ns


Similar Part No. - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results

Similar Description - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com