Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC101U Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC101U
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC101U Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DDC101U Datasheet HTML 6Page - Burr-Brown (TI) DDC101U Datasheet HTML 7Page - Burr-Brown (TI) DDC101U Datasheet HTML 8Page - Burr-Brown (TI) DDC101U Datasheet HTML 9Page - Burr-Brown (TI) DDC101U Datasheet HTML 10Page - Burr-Brown (TI) DDC101U Datasheet HTML 11Page - Burr-Brown (TI) DDC101U Datasheet HTML 12Page - Burr-Brown (TI) DDC101U Datasheet HTML 13Page - Burr-Brown (TI) DDC101U Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
®
DDC101
10
TYPICAL PERFORMANCE CURVES
ELECTRICAL
System Clock = 2MHz, V
S = ±5VDC, VREF = –2.5V, L = 1 Integration/Conversion, and TA = +25°C, unless otherwise noted.
SINAD AT 10kHz CONVERSION, UNIPOLAR INPUT
0
0
20
40
60
80
100
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0dB
–60dB
Input Frequency (Hz)
100µs Integration Time
K = 16 Acquisition Clocks
M = 32 Oversamples
SINAD AT 1kHz CONVERSION, UNIPOLAR INPUT
0
0
20
40
60
80
100
50
100
150
200
250
300
350
400
450
500
0dB
–60dB
Input Frequency (Hz)
1ms Integration Time
K = 16 Acquisition Clocks
M = 128 Oversamples
NOISE vs INPUT LEVEL (UNIPOLAR) WITH CDS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Level of FS
18
16
14
12
10
8
6
4
2
0
C
IN = 500pF
C
IN = 100pF
C
IN = 0pF
1ms Integration Time
K = 16 Acquisition Clocks
M = 128 Oversamples
NOISE vs INPUT LEVEL (UNIPOLAR) WITHOUT CDS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Level of FS
18
16
14
12
10
8
6
4
2
0
C
IN = 500pF
C
IN = 100pF
1ms Integration Time
M = 128 Oversamples
C
IN = 0pF
NOISE vs RESISTOR VALUE
1000
100
10
1
0.01
0.1
1
10
100
1G
R
IN (MΩ)
100µs Int., M = 16 O/S
1ms Int., M = 128 O/S
Low Level, Unipolar Input
K = 16 Acquisition Clocks
CHARGE INJECTION vs INPUT CAPACITANCE
350
300
250
200
150
100
50
0
–50
0
100
200
500
1000
C
IN (pF)
No CDS
CDS On, K = 16


Similar Part No. - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results

Similar Description - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com