Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCV010505P Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV010505P
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV010505P Datasheet(HTML) 7 Page - Burr-Brown (TI)

  DCV010505P Datasheet HTML 1Page - Burr-Brown (TI) DCV010505P Datasheet HTML 2Page - Burr-Brown (TI) DCV010505P Datasheet HTML 3Page - Burr-Brown (TI) DCV010505P Datasheet HTML 4Page - Burr-Brown (TI) DCV010505P Datasheet HTML 5Page - Burr-Brown (TI) DCV010505P Datasheet HTML 6Page - Burr-Brown (TI) DCV010505P Datasheet HTML 7Page - Burr-Brown (TI) DCV010505P Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
®
DCV01
FIGURE 1. Connecting the DCV01 in Series.
FUNCTIONAL DESCRIPTION
OVERVIEW
The DCV01 offers up to 1W of unregulated output power
with a typical efficiency of up to 85%. This is achieved
through highly integrated packaging technology and the
implementation of a custom power stage and control IC. The
circuit design utilizes an advanced BiCMOS/DMOS pro-
cess. Separate primary and secondary transformer windings
give good isolation and low barrier capacitance.
POWER STAGE
This uses a push-pull, center-tapped topology switching at
400kHz (divide by 2 from 800kHz oscillator).
OSCILLATOR AND WATCHDOG
The onboard 800kHz oscillator generates the switching
frequency via a divide by 2 circuit. The oscillator can be
synchronized to other DCV01 circuits or an external source,
and is used to minimize system noise.
A watchdog circuit checks the operation of the oscillator
circuit. The oscillator can be stopped by pulling the SYNCIN
pin LOW. The output pins will be tri-stated. This will occur
in 2
µs.
THERMAL SHUTDOWN
The DCV01 is protected by a thermal shutdown circuit. If the
on-chip temperature exceeds 150
°C, the device will shut
down. Once the temperature falls below 150
°C, normal
operation will resume.
SYNCHRONIZATION
In the event that more than one DC/DC converter is needed
onboard, beat frequencies and other electrical interference
can be generated. This is due to the small variations in
switching frequencies between the DC/DC converters.
The DCV01 overcomes this by allowing devices to be
synchronized to one another. Up to eight devices can be
synchronized by connecting the SYNCIN pins together, tak-
ing care to minimize the capacitance of tracking. Stray
capacitance (> 3pF) will have the effect of reducing the
switching frequency, or even stopping the oscillator circuit.
If synchronized devices are used, it should be noted that, at
start up, all devices will draw maximum current simulta-
neously. This can cause the input voltage to dip and should
it dip below the minimum input voltage (4.5V), the devices
may not start up. A 2.2
µF capacitor should be connected
close to the input pins.
If more than eight devices are to be synchronized, it is
recommended that the SYNCIN pins are driven by an exter-
nal device. Details are contained in a separate applications
bulletin (AB-153).
CONSTRUCTION
The DCV01’s basic construction is the same as standard ICs.
There is no substrate within the molded package. The
DCV01 is constructed using an IC, rectifier diodes, and a
wound magnetic toroid on a leadframe. As there is no solder
within the package, the DCV01 does not require any special
PCB assembly processing. This results in an isolated
DC/DC converter with inherently high reliability.
ADDITIONAL FUNCTIONS
DISABLE/ENABLE
The DCV01 can be disabled or enabled by driving the SYNC
pin using an open drain CMOS gate. If the SYNCIN pin is
pulled low, the DCV01 will be disabled. The disable time
depends upon the external loading; the internal disable func-
tion is implemented in 2
µs. Removal of the pull down will
cause the DCV01 to be enabled.
Capacitive loading on the SYNCIN pin should be minimized
in order to prevent a reduction in the oscillator frequency.
DECOUPLING
Ripple Reduction
The high switching frequency of 400kHz allows simple
filtering. To reduce ripple, it is recommended that at least a
1
µF capacitor is used on V
OUT. Dual outputs should both be
decoupled to pin 5. A 2.2
µF low ESR capacitor on the input
of the 5V in versions, and a 0.47
µF low ESR cap on the 24V
DCV01 in versions is recommended.
DCV
01
V
OUT 1
V
SUPPLY
V
S
0V
DCV
01
V
OUT 2
V
OUT1 + VOUT 2
SYNC
IN
SYNC
IN
V
S
0V
0V
0V
COM


Similar Part No. - DCV010505P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P-U BURR-BROWN-DCV010505P-U Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P-U/700 BURR-BROWN-DCV010505P-U/700 Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010505P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com