Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1704 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DF1704
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DF1704 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DF1704 Datasheet HTML 1Page - Burr-Brown (TI) DF1704 Datasheet HTML 2Page - Burr-Brown (TI) DF1704 Datasheet HTML 3Page - Burr-Brown (TI) DF1704 Datasheet HTML 4Page - Burr-Brown (TI) DF1704 Datasheet HTML 5Page - Burr-Brown (TI) DF1704 Datasheet HTML 6Page - Burr-Brown (TI) DF1704 Datasheet HTML 7Page - Burr-Brown (TI) DF1704 Datasheet HTML 8Page - Burr-Brown (TI) DF1704 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
4
DF1704
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER
DIGITAL FILTER (DE-EMPHASIS OFF, fS = 44.1kHz)
DE-EMPHASIS AND DE-EMPHASIS ERROR
04
3.5
3
2.5
2
1.5
1
0.5
Frequency (f
S)
20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
FREQUENCY RESPONSE (Sharp Roll Off)
00.5
0.45
0.4
0.3
0.35
0.25
0.2
0.15
0.1
0.5
Frequency (f
S)
0.0001
0.00008
0.00006
0.00004
0.00002
0
–0.00002
–0.00004
–0.00006
–0.00008
–0.0001
PASSBAND RIPPLE (Sharp Roll Off)
04
3.5
3
2.5
2
1.5
1
0.5
Frequency (f
S)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
FREQUENCY RESPONSE (Slow Roll Off)
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
Frequency (f
S)
TRANSITION CHARACTERISTIC (Slow Roll Off)
0
–5
–10
–15
014
12
10
8
6
4
2
Frequency ( f
S)
0
–2
–4
–6
–8
–10
DE-EMPHASIS (f
S = 32kHz)
014
12
810
6
4
2
Frequency (f
S)
0.01
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.01
DE-EMPHASIS ERROR (f
S = 32kHz)


Similar Part No. - DF1704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1704E TI1-DF1704E Datasheet
450Kb / 20P
[Old version datasheet]   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1704E/2K TI1-DF1704E/2K Datasheet
450Kb / 20P
[Old version datasheet]   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1704E/2KG4 TI1-DF1704E/2KG4 Datasheet
450Kb / 20P
[Old version datasheet]   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1704EG4 TI1-DF1704EG4 Datasheet
450Kb / 20P
[Old version datasheet]   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
More results

Similar Description - DF1704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1704E TI1-DF1704E Datasheet
450Kb / 20P
[Old version datasheet]   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1706 TI-DF1706 Datasheet
291Kb / 16P
[Old version datasheet]   Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
[Old version datasheet]   Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Burr-Brown (TI)
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1732 BURR-BROWN-PCM1732 Datasheet
176Kb / 18P
   24-Bit, 96kHz, Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder
logo
Texas Instruments
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
[Old version datasheet]   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com