Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV102F Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DRV102F
Description  PWM SOLENOID/VALVE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV102F Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DRV102F Datasheet HTML 6Page - Burr-Brown (TI) DRV102F Datasheet HTML 7Page - Burr-Brown (TI) DRV102F Datasheet HTML 8Page - Burr-Brown (TI) DRV102F Datasheet HTML 9Page - Burr-Brown (TI) DRV102F Datasheet HTML 10Page - Burr-Brown (TI) DRV102F Datasheet HTML 11Page - Burr-Brown (TI) DRV102F Datasheet HTML 12Page - Burr-Brown (TI) DRV102F Datasheet HTML 13Page - Burr-Brown (TI) DRV102F Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
®
DRV102
FIGURE 6. Simplified Circuit Model of the Duty Cycle
Adjust Pin.
FIGURE 5. Using a Voltage Source to Program Duty Cycle.
DRV102
D/A
Converter
(or analog
voltage)
1k
(1)
PWM
V
PWM
3
Gnd 4
6
5
V
S
Out
NOTE: (1) Required if voltage source can go below 0.1V.
200
µA
3
V
S
Comparator
Duty Cycle
Adjust
DRV102
19k
Resistor or
Voltage Source(1)
NOTE: (1) Do not drive pin below 0.1V.
3.8V
0.7V
f = 24kHz
ADJUSTABLE DUTY CYCLE
The DRV102’s externally adjustable duty cycle provides an
accurate means of controlling power delivered to the load.
Duty cycle can be set from 10% to 90% with an external
resistor, analog voltage, or the output of a D/A converter.
Reduced duty cycle results in reduced power dissipation.
This keeps the DRV102 and load cooler, resulting in in-
creased reliability for both devices. PWM frequency is a
constant 24kHz.
Resistor-Controlled Duty Cycle
Duty cycle is independently programmed with a resistor
(RPWM) connected between the Duty Cycle Adjust pin and
ground. Increased resistor values correspond to decreased
duty cycles. Table II provides resistor values for typical duty
cycles. Resistor values for additional duty cycles can be
obtained from Figure 4. For reference purposes, the equation
for calculating RPWM is included in Figure 4.
FIGURE 4. RPWM versus Duty Cycle.
RESISTOR(1)
VOLTAGE(2)
DUTY CYCLE
RPWM (kΩ)VPWM (V)
10
536
3.67
20
137
3.31
30
66.5
2.91
40
39.2
2.49
50
24.9
2.07
60
16.2
1.66
70
10.5
1.26
80
6.65
0.88
90
4.42
0.56
NOTES: (1) Resistor values listed are nearest 1% standard values. (2) Do not
drive pin below 0.1V. For additional values, see “Duty Cycle vs Voltage” typical
performance curve.
TABLE II. Duty Cycle Adjust. TA= +25°C, VS = +24V.
Voltage-Controlled Duty Cycle
Duty cycle can also be programmed with an analog voltage,
VPWM. With VPWM ≈ 0.5V, duty cycle is 100%. Increasing
this voltage results in decreased duty cycles. For 0% duty
cycle, VPWM is approximately 4V. Table II provides VPWM
values for typical duty cycles. See the “Duty Cycle vs
Voltage” typical performance curve for additional duty cycle
values.
The Duty Cycle Adjust pin should not be driven below 0.1V.
If the voltage source used can go between 0.1V and ground,
a 1k
Ω series resistor between the voltage source and the Duty
Cycle Adjust pin (Figure 5) is required to limit swing. If the
pin is driven below 0.1V, the output will be unpredictable.
The DRV102’s internal 24kHz oscillator sets the PWM
period. This frequency is not externally adjustable. Duty
Cycle Adjust (pin 3) is internally driven by a 200
µA current
source and connects to the input of a comparator and a 19k
resistor as shown in Figure 6. The DRV102’s PWM control
design is inherently monotonic. That is, a decreased voltage
(or resistor value) always produces an increased duty cycle.
10
20
40
60
100
80
Duty Cycle (%)
1000
100
10
1
R
PWM = [ a + b (DC) + c (DC)
2 + d (DC)3 + e (DC)4]–1
where: a = –4.9686 x 10–8
b = –5.9717 x 10–8
c = 2.9889 x 10–8
d = –5.4837 x 10–10
e = 5.9361 x 10–12
R
PWM = [–4.9686 x 10
–8 + (–5.9717 x 10–8) (50) + (2.9889 x 10–8) (50)2
+ (–5.4837 x 10–10) (50)3 + (5.9361 x 10–12) (50)4]–1
DC = duty cycle in %
For 50% duty cycle:
= 24.9k


Similar Part No. - DRV102F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV102F TI-DRV102F Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F TI1-DRV102F Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F/500 TI-DRV102F/500 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F/500 TI1-DRV102F/500 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102FKTWT TI-DRV102FKTWT Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com