Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV1101 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV1101
Description  HIGH POWER DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV1101 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DRV1101 Datasheet HTML 1Page - Burr-Brown (TI) DRV1101 Datasheet HTML 2Page - Burr-Brown (TI) DRV1101 Datasheet HTML 3Page - Burr-Brown (TI) DRV1101 Datasheet HTML 4Page - Burr-Brown (TI) DRV1101 Datasheet HTML 5Page - Burr-Brown (TI) DRV1101 Datasheet HTML 6Page - Burr-Brown (TI) DRV1101 Datasheet HTML 7Page - Burr-Brown (TI) DRV1101 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
®
DRV1101
To calculate the amplifier requirements for a DSL applica-
tion:
1. Determine the average power that must be delivered to
the line. The amplifier must deliver twice this power to
account for the power dissipated in the series impedance
matching resistors. Therefore, add 3dB to the line power.
This is the average power delivered at the output of the
amplifier. For ADSL G.Lite (as of June 1998), the aver-
age line power is 10dBm. Adding 3dB results in an
average power at the amplifier output of 13dBm.
2. Next add the power crest factor needed for the line code
used. The power crest factor for ADSL is 15dB which
means that the peak power (PPEAK) needed at the ampli-
fier output is 28dBm (13dBm +15dB). 28dBm is 631mW.
3. The DRV1101 peak output voltage is calculated by the
formula: VPEAK = (PPEAK • RL)1/2 where RL is the load
impedance that the DRV1101 must drive. For ADSL
Lite, using the circuit shown in Figure 3, VPEAK = (PPEAK
• RL)1/2 = (.631W x 17Ω)1/2 = 3.3V. The peak-to-peak
voltage out of the DRV1101 is 2 x 3.3V = 6.6V.
4. The transformer turns ratio can be changed to keep the
required output voltage and current within the range of the
DRV1101. The line impedance (RLINE) is 100Ω for ADSL.
The impedance that is reflected to the DRV1101 side of
the transformer is RLINE/(turns ratio)2. For best power
transfer, the total of the impedance matching resistors
should equal the reflected impedance. Thus, for the circuit
shown in Figure 3, the reflected impedance is 100
Ω/(3.4)2
= 8.6
Ω. With two impedance matching resistors of 4Ω
each and about 0.5
Ω transformer resistance, the total load
impedance is about (8.6
Ω + 4Ω + 4Ω + 0.5Ω) = 17Ω.
FIGURE 3. Typical Digital Subscriber Line Application.
OUTPUT PROTECTION
Figure 3 also shows overvoltage and short circuit protection
elements that are commonly included in DSL applications.
Overvoltage suppressors include diodes or MOV’s. The
outputs of the DRV1101 can be momentarily shorted to
ground or to the supply without damage. The outputs are not,
however, designed for a continuous short to ground or the
supply.
POWER DISSIPATION AND THERMAL ANALYSIS
The total internal power dissipation of the DRV1101 is the
sum of a fixed overhead power that is independent of the
load plus the power dissipated internally to deliver the
average load power. The total internal power dissipation
determines the internal temperature rise when in operation.
For DSL applications with high crest factors, such as ADSL,
the average load power delivered is much lower than the
peak power required. For practical purposes, this means that
internal temperature rise is not an issue for the DRV1101 in
high-crest factor DSL applications.
With a +5V supply, the DRV1101’s typical fixed overhead
current of 22mA (out of total no-load supply current of
29mA) creates a fixed overhead power dissipation of 110mW.
The load dependent power dissipation of the DRV1101
when delivering an output voltage Vrms to a load RL is:
P = (VDD – Vrms) • (Vrms/RL)
The internal power dissipation will reach a maximum when
Vrms is equal to VDD/2. For a sinusoidal output, this
corresponds to an output Vp-p = 1.41 • VDD.
As an example, compute the power and junction temperature
under a worst case condition with VDD = +5V and Vrms = 2.5V
into a 20
Ω differential load. The total internal power dissipation
would be:
(110mW) + (5V – 2.5V) • (2.5V/20
Ω) = 423mW
In+
In–
Out+
+5V
DRV1101
GND
Out–
4
4
Protection Circuits
Impedance Matching
Resistors
1:3.3
Transformer
Line Impedance
100
Fixed
Load Related


Similar Part No. - DRV1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV1101U TI1-DRV1101U Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101UG4 TI1-DRV1101UG4 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - DRV1101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A_07 Datasheet
415Kb / 17P
   High Power Differential Line Driver
logo
Elantec Semiconductor
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com