Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLD10CE1C Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTLD10CE1C
Description  100GBASE-SR10 100m CXP Optical Transceiver Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLD10CE1C Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTLD10CE1C Datasheet HTML 2Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 3Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 4Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 5Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 6Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 7Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 8Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 9Page - Finisar Corporation. FTLD10CE1C Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FTLD10CE1C Product Specification – August 2011
F i n i s a r
Finisar Corporation – 3-Aug-11 Rev B2
Page 9
IX.
Mechanical Specifications
The FTLD10C transceiver module mechanical specifications are based on the CXP
Specification.
Figure 5 – FTLD10C mechanical drawing


Similar Part No. - FTLD10CE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLD10CE3C FINISAR-FTLD10CE3C Datasheet
686Kb / 12P
   100GBASE-SR10 100m CXP Optical Transceiver Module
More results

Similar Description - FTLD10CE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLD10CE3C FINISAR-FTLD10CE3C Datasheet
686Kb / 12P
   100GBASE-SR10 100m CXP Optical Transceiver Module
logo
Tripp Lite. All Rights ...
N84602M24P TRIPPLITE-N84602M24P Datasheet
521Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84605M24P TRIPPLITE-N84605M24P Datasheet
522Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84610M24P TRIPPLITE-N84610M24P Datasheet
519Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84601M24P TRIPPLITE-N84601M24P Datasheet
522Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
logo
AVAGO TECHNOLOGIES LIMI...
516-3086-ND AVAGO-516-3086-ND Datasheet
135Kb / 2P
   CFP2, 850 nm, 100GBASE-SR10 Compliant Pluggable 100G Ethernet Optical Transceiver
AFBR-8420Z AVAGO-AFBR-8420Z Datasheet
133Kb / 2P
   CFP2, 850 nm, 3.3 V, 100GBASE-SR10 Compliant Pluggable Ethernet Optical Transceiver
logo
Finisar Corporation.
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
FTLC1154RDPL FINISAR-FTLC1154RDPL Datasheet
702Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
13-July-2018 Rev. B2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com