Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR01505 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCR01505
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR01505 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DCR01505 Datasheet HTML 1Page - Burr-Brown (TI) DCR01505 Datasheet HTML 2Page - Burr-Brown (TI) DCR01505 Datasheet HTML 3Page - Burr-Brown (TI) DCR01505 Datasheet HTML 4Page - Burr-Brown (TI) DCR01505 Datasheet HTML 5Page - Burr-Brown (TI) DCR01505 Datasheet HTML 6Page - Burr-Brown (TI) DCR01505 Datasheet HTML 7Page - Burr-Brown (TI) DCR01505 Datasheet HTML 8Page - Burr-Brown (TI) DCR01505 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
DCR01
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = 5V, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR0105 SERIES INPUT CURRENT
REFLECTED NOISE (100MHz Bandwidth)
500ns/div
DCR0105 SERIES INPUT
CURRENT REFLECTED RIPPLE
500ns/div
DCR0105 OUTPUT VOLTAGE RIPPLE
Load (%)
14
12
10
8
6
4
2
0
20
40
60
80
100
0
DCR0105 OUTPUT NOISE (100MHz Bandwidth)
Load (%)
80
70
60
50
40
30
20
10
0
20
40
60
80
100
0
DCR010503P EFFICIENCY
(V
IN = 5V)
Load (%)
70
60
50
40
30
20
10
0
100
010
20
85
°C
25
°C
30
40
50
60
70
80
90
–40
°C
DCR010503P V
OUT vs LOAD
(V
IN = 5V)
Load (%)
3.305
3.3
3.295
3.29
3.285
3.28
3.275
3.27
3.265
100
0
102030405060708090
85
°C
25
°C
–40
°C


Similar Part No. - DCR01505

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR01 TI1-DCR01 Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR010503P BURR-BROWN-DCR010503P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR01505

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com