Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV1101U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV1101U
Description  HIGH POWER DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV1101U Datasheet(HTML) 7 Page - Burr-Brown (TI)

  DRV1101U Datasheet HTML 1Page - Burr-Brown (TI) DRV1101U Datasheet HTML 2Page - Burr-Brown (TI) DRV1101U Datasheet HTML 3Page - Burr-Brown (TI) DRV1101U Datasheet HTML 4Page - Burr-Brown (TI) DRV1101U Datasheet HTML 5Page - Burr-Brown (TI) DRV1101U Datasheet HTML 6Page - Burr-Brown (TI) DRV1101U Datasheet HTML 7Page - Burr-Brown (TI) DRV1101U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
DRV1101U
ACTIVE
SOIC
D
8
100
None
CU NIPDAU
Level-2-220C-1 YEAR
DRV1101U/2K5
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
21-Jan-2005
Addendum-Page 1


Similar Part No. - DRV1101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV1101U TI1-DRV1101U Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101UG4 TI1-DRV1101UG4 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - DRV1101U

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A_07 Datasheet
415Kb / 17P
   High Power Differential Line Driver
logo
Elantec Semiconductor
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com