Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV134UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV134UA
Description  AUDIO BALANCED LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV134UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DRV134UA Datasheet HTML 2Page - Burr-Brown (TI) DRV134UA Datasheet HTML 3Page - Burr-Brown (TI) DRV134UA Datasheet HTML 4Page - Burr-Brown (TI) DRV134UA Datasheet HTML 5Page - Burr-Brown (TI) DRV134UA Datasheet HTML 6Page - Burr-Brown (TI) DRV134UA Datasheet HTML 7Page - Burr-Brown (TI) DRV134UA Datasheet HTML 8Page - Burr-Brown (TI) DRV134UA Datasheet HTML 9Page - Burr-Brown (TI) DRV134UA Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
DRV134, 135
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±18V, RL = 600Ω differential connected between +VO and –VO, unless otherwise noted.
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
Output Current (mA)
0
±20
±40
±60
±80
±100
18
16
14
12
10
8
–8
–10
–12
–14
–16
–18
–55
°C
+25
°C
+125
°C
+125
°C
+25
°C
–55
°C
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
0
25
50
75
125
100
±120
±100
±80
±60
±40
±20
+I
SC
–I
SC
DIFFERENTIAL OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Differential Offset Voltage (mV)
45
40
35
30
25
20
15
10
5
0
Typical production
distribution of packaged
units. All package types
included.
COMMON-MODE OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Common-Mode Offset Voltage (mV)
35
30
25
20
15
10
5
0
Typical production
distribution of packaged
units. All package types
included.
OUTPUT VOLTAGE SWING
vs SUPPLY VOLTAGE
Supply Voltage
±4
±6
THD+N
≤ 0.1%
±8
±10
±12
±14
±16
±18
20
16
12
1
8
4
0
THD+N
≤ 0.1%
QUIESCENT CURRENT
vs SUPPLY VOLTAGE
Supply Voltage (V)
±4
±18
±16
±14
±12
±10
±8
±6
±5.6
±5.4
±5.2
±5
±4.8
±4.6
T = –55
°C
T = +25
°C
T = +125
°C


Similar Part No. - DRV134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134UA BURR-BROWN-DRV134UA Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134UA TI1-DRV134UA Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
DRV134UA TI1-DRV134UA Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134UA/1K BURR-BROWN-DRV134UA/1K Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134UA/1K TI1-DRV134UA/1K Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results

Similar Description - DRV134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com