Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK0211C90500W Datasheet(PDF) 2 Page - Meder Electronic

Part # MK0211C90500W
Description  Reed sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK0211C90500W Datasheet(HTML) 2 Page - Meder Electronic

  MK0211C90500W Datasheet HTML 1Page - Meder Electronic MK0211C90500W Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
!!
"!
#$%
%
&
!4,
5
!4,
/&
$6!
.7&
!"#$%
2,8,()*
,8
,8
%1/,069%
:(*:;
,)
/,5<%,
&)*)
/,5<%,
&)&
/,5<%,
$=()
=(>**
$*
$8
5?.)0
-)
0
,
51(
$)&
&'("
0*
@&)&
0*
@&)&
$)&
)"*
0
,01&
56,
,0
A7
,
+"
*
0A
')*
.()'B!=
')*
/C)1*=
')*
$='$@!
/<$@
)()7
'((&)*
%+,-.$.
'-%
/)01
+,()
/)
+,()01
!!
.23.$,-
%&&*01
%&&*01
%&&*
%&&*
"!


Similar Part No. - MK0211C90500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0211A661000W MEDER-MK0211A661000W Datasheet
193Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211A662000W MEDER-MK0211A662000W Datasheet
194Kb / 2P
   Reed sensor
MK0211A665000W MEDER-MK0211A665000W Datasheet
193Kb / 2P
   Reed sensor
MK0211A66500W MEDER-MK0211A66500W Datasheet
189Kb / 2P
   Reed sensor
More results

Similar Description - MK0211C90500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000021 MEDER-9240000021 Datasheet
179Kb / 3P
   Reed sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com