Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK0221A66500W Datasheet(PDF) 2 Page - Meder Electronic

Part # MK0221A66500W
Description  Reed sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK0221A66500W Datasheet(HTML) 2 Page - Meder Electronic

  MK0221A66500W Datasheet HTML 1Page - Meder Electronic MK0221A66500W Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
!!
"!
#$%
%
&
!
!8,
9
!8,
1&
$:!
4;&
"#$%&
!
""
,<
%</
,<
%31,2:=%
>(*>?
,)
1,9@%,
&)*)
1,9@%,
&)&
1,9@%,
$A()
A(B**
$*
$<
964)2
-)
A(
,
93(
$)&
'()#
!
2*
/&)&
2*
/&)&
$)&
*#+
!
2
,23&
9:,
,2
C;
,
,#
!
*
2C
')*
1A()23)
)*
1D)3*A
)*!
$A'$/!
1@$/
)();
'((&)*
!"
+$,-.$+
/'#..0
1)23
.,()
1)
.,()23
!
4504$,-
6#.47-/550
%&&*23
%&&*23
%&&*
%&&*
"!


Similar Part No. - MK0221A66500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0221A665000W MEDER-MK0221A665000W Datasheet
189Kb / 2P
   Reed sensor
More results

Similar Description - MK0221A66500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000021 MEDER-9240000021 Datasheet
179Kb / 3P
   Reed sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com