Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MO4XXG-9 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MO4XXG-9
Description  Double Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MO4XXG-9 Datasheet(HTML) 1 Page - API Technologies Corp

  MO4XXG-9 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixer
Octave Band
Model MO4xxG-9
RF 3.7 to 8.6 GHz
LO (GHz)
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
RF (GHz)
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
3.7-8.6
IF (MHz)
DC-500
DC-1500
DC-2000
DC-2000
DC-2000
DC-2000
Min
25 dB
20 dB
Typical
5.5 dB
7.0 dB
8.5 dB
38 dB
30 dB
30 dB
+1 dBm
+4 dBm
+8 dBm
+12 dBm
+11 dBm
+14 dBm
+18 dBm
+21 dBm
+7 dBm
+10 dBm
+14 dBm
+19 dBm
Max
7.0 dB
8.5 dB
10.5 dB
MO43
MO44
MO46
MO47
MO43
MO44
MO46
MO47
MO43
MO44
MO46
MO47
Conditions
Electrical Specifications (1)
:
Drop-In Module or
With SMA(F)
Connectors
M = Module
P = With Connectors
Parameter
SSB Conversion
loss:(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1 dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:(4)
LO Power
3 = +7 dBm
4 = +10 dBm
6 = +14 dBm
7 = +19 dBm
Typical
Performance
at 25˚C
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system from -55˚C to +100˚C
with the nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
All dimensions are in inches and [mm].
Outline: G
MO4xxG-9
Specifications
Model MO4xxG-9
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
7/21/08
0
10
20
30
40
3.7
GHz
8.6
RF to IF Isolation – dB
4
5
7
8
3.7
GHz
8.6
Conversion Loss (100 MHz IF) – dB
6
10
20
30
40
50
3.7
GHz
8.6
LO to RF, LO to IF Isolation – dB
LO-IF
LO-RF
1.0
1.5
2.0
3.0
4.0
3.7
GHz
LO VSWR
8.6
1.0
1.5
2.0
3.0
4.0
3.7
GHz
RF VSWR
8.6
1.0
1.5
2.0
3.0
4.0
DC
MHz
2000
IF VSWR
0
1
2
3
4
DC
MHz
2000
Relative Conv. Loss vs. IF Freq. – dB


Similar Part No. - MO4XXG-9

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MO4XXG SPECTRUM-MO4XXG Datasheet
556Kb / 1P
   Double Balanced Mixer
logo
API Technologies Corp
MO4XXG APITECH-MO4XXG Datasheet
564Kb / 1P
   Double Balanced Mixer
More results

Similar Description - MO4XXG-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com