Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR0124 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCR0124
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR0124 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  DCR0124 Datasheet HTML 1Page - Burr-Brown (TI) DCR0124 Datasheet HTML 2Page - Burr-Brown (TI) DCR0124 Datasheet HTML 3Page - Burr-Brown (TI) DCR0124 Datasheet HTML 4Page - Burr-Brown (TI) DCR0124 Datasheet HTML 5Page - Burr-Brown (TI) DCR0124 Datasheet HTML 6Page - Burr-Brown (TI) DCR0124 Datasheet HTML 7Page - Burr-Brown (TI) DCR0124 Datasheet HTML 8Page - Burr-Brown (TI) DCR0124 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
®
DCR01
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = 5V, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR010505P OUTPUT VOLTAGE NOISE
AT 100% LOAD (100MHz Bandwidth)
200ns/div
DCR010505P OUTPUT VOLTAGE RIPPLE
AT 100% LOAD (20MHz Bandwidth)
200ns/div
FUNCTIONAL DESCRIPTION
OVERVIEW
The DCR01 series offers isolation from an unregulated
power supply operating from a choice of input voltages. The
DCR01’s provide a variety of regulated output voltages at a
nominal output power of 1W or above.
POWER STAGE
The input supply is chopped at a frequency of 400kHz
(internal oscillator divided by 2), which is used to drive the
center-tapped toroidal transformer.
RECTIFICATION
The transformer’s output is full wave rectified and smoothed
by the external capacitor connected to VREC.
REGULATOR
The internal low drop-out regulator provides a well-regu-
lated output voltage, throughout the operating range of the
device.
OSCILLATOR AND WATCHDOG
The DCR01 uses an internal saw-tooth generator to provide
the 800kHz on-board oscillator that is used to drive the
power switching circuit. The operation of the oscillator is
monitored by the watchdog, which will tri-state the output
driver circuit if the oscillator fails, or if the SYNC pin is
taken low, (shutdown mode). When the SYNC pin is re-
turned high, normal operation resumes.
SYNCHRONIZATION
If more than one DCR01 is being used, beat frequencies and
other electrical interference can be generated. This is due to
the small variations in switching frequencies between the
converters.
The DCR01 overcomes this by allowing devices to be
synchronized to one another. Up to eight devices can be
synchronized by connecting the SYNC pins together, with
care being taken to minimize the capacitance of tracking.
Significant stray capacitance on the SYNC pin will have the
effect of reducing the frequency of the internal oscillator. If
this is large, the DCR01 may be taken out with its optimized
operating parameters and saturation of the magnetics may
result, damaging the device.
If devices are synchronized, it should be noted that all
devices will draw maximum current simultaneously at start
up. This can cause the input voltage to dip. Should it fall
below the minimum input voltage, the devices may not start
up. A 2.2
µF capacitor (low ESR) should be connected as
close to the device input pins as possible for the 5V input
devices and a 0.47
µF capacitor for the 12V and 24V devices.
If more than eight devices are required to be synchronized,
it is recommended that external synchronization be used.
Details are contained in Burr-Brown’s Application Bulletin
AB-153.
CONSTRUCTION
The DCR01 is manufactured using the same technology as
standard IC packages. There is no substrate within the
package. The DCR01 is constructed using a driver IC, Low
Dropout Voltage Regulator, rectifier diodes and a wound
magnetic toroid, all mounted on a leadframe. The DCR01
requires no special PCB assembly processing, as there is no
solder within the package. The result is an isolated DC/DC
converter with inherently high reliability.
ADDITIONAL FUNCTIONS
DISABLE/ENABLE
The DCR01 can be disabled or enabled by driving the SYNC
pin using an open drain CMOS gate. If the SYNC pin is


Similar Part No. - DCR0124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCR012403 TI1-DCR012403 Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR012403P BURR-BROWN-DCR012403P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR012403P TI1-DCR012403P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012403P TI1-DCR012403P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR012403U BURR-BROWN-DCR012403U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR0124

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com