Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0439A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0439A
Description  IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0439A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0439A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0439A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0439A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0439A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0439A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0439A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. Frequency Characteristics :
1. S21 Response
Fig1. Horizontal: 100MHz/Div Vertical: 10dB/Div
2. Pass band Ripple and Group Delay Ripple
Fig2. Horizontal: 2MHz/Div; Vertical: 1dB/Div,
Vertical: 100nS/Div,


Similar Part No. - TB0439A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0439A GOLLEDGE-TB0439A Datasheet
47Kb / 5P
   IF SAW Filter 140MHzIF SAW Filter 140MHz
More results

Similar Description - TB0439A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0438A TAI-SAW-TB0438A Datasheet
212Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0390B TAI-SAW-TB0390B Datasheet
398Kb / 7P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0390A TAI-SAW-TB0390A Datasheet
263Kb / 6P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0800A TAI-SAW-TB0800A Datasheet
527Kb / 8P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0375A TAI-SAW-TB0375A Datasheet
270Kb / 6P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0541A TAI-SAW-TB0541A Datasheet
221Kb / 7P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0559A TAI-SAW-TB0559A Datasheet
359Kb / 8P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0440A TAI-SAW-TB0440A Datasheet
211Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0431A TAI-SAW-TB0431A Datasheet
293Kb / 9P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0467B TAI-SAW-TB0467B Datasheet
210Kb / 8P
   IF SAW Filter 125 MHz SMD 13.3mmX6.5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com