Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP102KP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP102KP
Description  DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP102KP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DSP102KP Datasheet HTML 1Page - Burr-Brown (TI) DSP102KP Datasheet HTML 2Page - Burr-Brown (TI) DSP102KP Datasheet HTML 3Page - Burr-Brown (TI) DSP102KP Datasheet HTML 4Page - Burr-Brown (TI) DSP102KP Datasheet HTML 5Page - Burr-Brown (TI) DSP102KP Datasheet HTML 6Page - Burr-Brown (TI) DSP102KP Datasheet HTML 7Page - Burr-Brown (TI) DSP102KP Datasheet HTML 8Page - Burr-Brown (TI) DSP102KP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
®
DSP101/102
3
DSP102 CHANNEL SEPARATION ON CHANNEL B WITH
±2.75V, 1kHz INPUT ON CHANNEL A
Frequency (kHz)
0
0
–20
–40
–60
–80
–100
–120
25
50
75
100
FREQUENCY SPECTRUM of ±2.75V, 451kHz INPUT
(Using Four-Term Blackman-Harris Window)
Frequency (kHz)
0
0
–20
–40
–60
–80
–100
–120
25
50
75
100
Undersampling
SINAD means Signal-to-(Noise + Distortion) Ratio.
THD means Total Harmonic Distortion thru 8th harmonic.
SNR means Signal-to-Noise Ratio excluding harmonics
SFDR means Spurious Free Dynamic Range, including
thru the 8th.
harmonics.
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VA+ = VD+ = +5V, VA– = VD– = –5V, Sampling Frequency fS = 200kHz; External Clock Input at OSC1 = 80fS = 16MHz, XCLK = 40fS = 8MHz; Using
2048 Point FFT; Data analysis limited to 0 to 20kHz band; Unless otherwise specified.
–55 –40 –25
0
25
70
85
125
Ambient Temperature (°C)
DYNAMIC PERFORMANCE vs TEMPERATURE
80
85
90
95
–80
–85
–90
–95
–100
100
f
IN = 1kHz, ±2.75V
SINAD
THD
SNR
SFDR
FREQUENCY SPECTRUM of ±2.75V, 1kHz INPUT
(Average of 12 FFTs, No Window Used)
Frequency (kHz)
0
0
25
50
75
100
–30
–60
–90
–120
FREQUENCY SPECTRUM of ±2.75V, 20kHz INPUT
(Using Four-Term Blackman-Harris Window)
Frequency (kHz)
0
0
–20
–40
–60
–80
–100
–120
25
50
75
100
INTERMODULATION DISTORTION WITH 1kHz AND 3kHz INPUTS
(Using Four-Term Blackman-Harris Window)
Frequency (kHz)
0
0
–20
–40
–60
–80
–100
–120
25
50
75
100


Similar Part No. - DSP102KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP102KP BURR-BROWN-DSP102KP Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - DSP102KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101_05 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com