Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR011203P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCR011203P
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR011203P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DCR011203P Datasheet HTML 1Page - Burr-Brown (TI) DCR011203P Datasheet HTML 2Page - Burr-Brown (TI) DCR011203P Datasheet HTML 3Page - Burr-Brown (TI) DCR011203P Datasheet HTML 4Page - Burr-Brown (TI) DCR011203P Datasheet HTML 5Page - Burr-Brown (TI) DCR011203P Datasheet HTML 6Page - Burr-Brown (TI) DCR011203P Datasheet HTML 7Page - Burr-Brown (TI) DCR011203P Datasheet HTML 8Page - Burr-Brown (TI) DCR011203P Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
DCR01
ISOLATION
Voltage
1s Flash Test
1
kVrms
60s Test, UL1950(1)
1
kVrms
Input/Output Capacitance
25
pF
OUTPUT ENABLE CONTROL
Logic High Input Voltage
2.0
VREC
V
Logic High Input Current
2.0 < VENABLE < VREC
100
nA
Logic Low Input Voltage
–0.2
0.5
V
Logic Low Input Current
0 < VENABLE < 0.5
100
nA
DCR010503
V
DCR010505
V
ERROR FLAG
Logic High Open Collector Leakage
VERROR = 5V
10
µA
Logic Low Output Voltage
Sinking 2mA
0.4
V
THERMAL SHUTDOWN
Junction Temperature
Temperature Activated
150
°C
Temperature Deactivated
130
°C
SYNCHRONIZATION PIN
Max External Capacitance on SYNC Pin
3pF
Internal Oscillator Frequency
720
800
880
kHz
External Synchronization Frequency
720
880
kHz
External Synchronization Signal High
2.5
2.5
5.0
V
External Synchronization Signal Low
0
0.4
V
TEMPERATURE RANGE
Operating
–40
+85
°C
NOTES: (1) During UL approval only. (2) DCR011203, DCR011205 available Q2 2000. (3) DCR0112403, DCR012405 available Q3 2000.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS (Cont.)
At TA = +25°C, VS = nominal, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR01 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Input Voltage:
DCR0105 ............................................................................................ 7V
DCR0112 .......................................................................................... 15V
DCR0124 .......................................................................................... 29V
Storage Temperature ...................................................... –60
°C to +125°C
Lead Temperature (soldering, 10s) ................................................. 270
°C
ABSOLUTE MAXIMUM RATINGS
DCR01
Basic Model Number: 1W Product
Voltage Input:
5V In
Voltage Output:
5V Out
Package Code:
P = 18-Pin Plastic DIP, U = 28-Pin SO(1)
NOTE: (1) SO version available Q3 2000.
ORDERING INFORMATION
05
05
(P)


Similar Part No. - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011203P BURR-BROWN-DCR011203P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011203P TI1-DCR011203P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203P TI1-DCR011203P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com