Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA105KP Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA105KP
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA105KP Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA105KP Datasheet HTML 4Page - Burr-Brown (TI) INA105KP Datasheet HTML 5Page - Burr-Brown (TI) INA105KP Datasheet HTML 6Page - Burr-Brown (TI) INA105KP Datasheet HTML 7Page - Burr-Brown (TI) INA105KP Datasheet HTML 8Page - Burr-Brown (TI) INA105KP Datasheet HTML 9Page - Burr-Brown (TI) INA105KP Datasheet HTML 10Page - Burr-Brown (TI) INA105KP Datasheet HTML 11Page - Burr-Brown (TI) INA105KP Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
®
INA105
11
FIGURE 25. Precision Voltage-Controlled Current Source with Buffered Differential Inputs and Gain.
FIGURE 24. Window Comparator with Window Span and Window Center Inputs.
FIGURE 26. Digitally Controlled Gain of
±1 Amplifier.
5
6
3
2
1
8
9
Window Center + Window Span
5
6
3
1
HI
INA105
2
GO
LO
10
7
V
IN
Lower Limit
5
3
2
Upper Limit
INA105
4115
Window
Comparator
Window Span
0 to +5V
Window
Center
±10V
Window Center–Window Span
5
6
3
INA105
2
1
Load
I
O = (E2 – E1) (1 +2R2/R1) (1/25k + 1/R)
NOTE: (1) See Figure 5 for op amp recommendation.
I
O
R
(1)
V
1
V
2
+In
–In
(1)
R
1
R
2
R
2
R
V+
1k
5
6
3
1
INA105
2
1
V
O
DG188
V
1
Logic
In
Logic In
0
1
V
O
–V
1
+V
1


Similar Part No. - INA105KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA105KP TI1-INA105KP Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
List of Unclassifed Man...
INA105KP ETC2-INA105KP Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
INA105KPG4 TI1-INA105KPG4 Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
More results

Similar Description - INA105KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. E
logo
Texas Instruments
INA105 TI1-INA105 Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Texas Instruments
INA106 TI1-INA106 Datasheet
1Mb / 14P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com