Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR012403U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCR012403U
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR012403U Datasheet(HTML) 9 Page - Burr-Brown (TI)

  DCR012403U Datasheet HTML 1Page - Burr-Brown (TI) DCR012403U Datasheet HTML 2Page - Burr-Brown (TI) DCR012403U Datasheet HTML 3Page - Burr-Brown (TI) DCR012403U Datasheet HTML 4Page - Burr-Brown (TI) DCR012403U Datasheet HTML 5Page - Burr-Brown (TI) DCR012403U Datasheet HTML 6Page - Burr-Brown (TI) DCR012403U Datasheet HTML 7Page - Burr-Brown (TI) DCR012403U Datasheet HTML 8Page - Burr-Brown (TI) DCR012403U Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
®
DCR01
FIGURE 1. DCR01 with a Single Output.
FIGURE 2. Self-Synchronizing DCR01s with a Dual Output.
DCR
01
V
OUT
V
REC
V
IN
C
IN
(1)
C
OUT = 0.1µF
C
FILTER = 1µF
V
O1
0 V
OUT
0V
V
S
0V
NOTE: (1) 2.2
µF capacitor with low ESR for 5V
devices and 0.47
µF for 12V and 24V devices.
DCR
01
V
OUT
V
REC
V
IN
V
O1
0 V
OUT
0V
V
S
SYNC
0V
DCR
01
V
OUT
V
REC
V
IN
V
O2
0 V
OUT
0 V
OUT
0 V
OUT
0V
V
S
SYNC
0V
NOTE: (1) 2.2
µF capacitor with low ESR for 5V
devices and 0.47
µF for 12V and 24V devices.
C
IN
(1)
C
OUT = 0.1µF
C
IN
(1)
C
OUT = 0.1µF
C
FILTER = 1µF
C
FILTER = 1µF


Similar Part No. - DCR012403U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012403U BURR-BROWN-DCR012403U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR012403U TI1-DCR012403U Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012403U TI1-DCR012403U Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR012403U1K BURR-BROWN-DCR012403U1K Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR012403U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com