Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0505A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0505A
Description  SAW Filter 70 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0505A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0505A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0505A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
△:
:Year Code
2009
2010
2011
2012
2013
2014
2015
2016
Year
2025
2026
2027
2028
Year Code
B
B
B
B
bbbb
B
B
B
B
bbbb
Date code
D. MEASUREMENT CIRCUIT:
50 Ohm Test circuit ( single-ended / single-ended )
Pin configuration
#L
Input
#M
Input RF-Return
#E
Output
#F
Output RF-Return
#A,B,C,D,G,H,J,K
To be grounded
Date code
Unit
mm
50Ω
HP Network analyzer
50Ω
SAW Filter
L1=39 0 nH
IN
OUT
L1=39 0 nH
L
E
A,B,C ,D,F ,G,H ,J,K ,M
C1=6 pF
C1=6 pF
5 0 5
T △
△□
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
A
B
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
a
b
c
d
e
f
g
h
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
o
p
q
r
s
t
u
v
w
x
y
z


Similar Part No. - TB0505A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0505A GOLLEDGE-TB0505A Datasheet
150Kb / 6P
   70MHz SAW Filter
More results

Similar Description - TB0505A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
   70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
   70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
   70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
   70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
   70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
   70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
   70 MHz SAW Filter
854659 TRIQUINT-854659_15 Datasheet
579Kb / 5P
   70 MHz SAW Filter
854655 TRIQUINT-854655_15 Datasheet
610Kb / 5P
   70 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com