Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA118 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA118 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button INA118 Datasheet HTML 3Page - Burr-Brown (TI) INA118 Datasheet HTML 4Page - Burr-Brown (TI) INA118 Datasheet HTML 5Page - Burr-Brown (TI) INA118 Datasheet HTML 6Page - Burr-Brown (TI) INA118 Datasheet HTML 7Page - Burr-Brown (TI) INA118 Datasheet HTML 8Page - Burr-Brown (TI) INA118 Datasheet HTML 9Page - Burr-Brown (TI) INA118 Datasheet HTML 10Page - Burr-Brown (TI) INA118 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
INA118
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA118. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 12
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
SETTING THE GAIN
Gain of the INA118 is set by connecting a single external
resistor, RG, connected between pins 1 and 8:
Commonly used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in Equation 1 comes from the sum of the two
internal feedback resistors of A1 and A2. These on-chip
metal film resistors are laser trimmed to accurate absolute
values. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA118.
(1)
G
= 1 +
50k
R
G
FIGURE 1. Basic Connections.
DESIRED
RG
NEAREST 1% RG
GAIN
(
Ω)(Ω)
1NC
NC
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
NC: No Connection.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance which will contribute additional gain error (possi-
bly an unstable gain error) in gains of approximately 100 or
greater.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that, despite its low quiescent current, the INA118 achieves
wide bandwidth, even at high gain. This is due to the
current-feedback topology of the INA118. Settling time also
remains excellent at high gain.
The INA118 exhibits approximately 3dB peaking at 500kHz
in unity gain. This is a result of its current-feedback topol-
ogy and is not an indication of instability. Unlike an op amp
with poor phase margin, the rise in response is a predictable
+6dB/octave due to a response zero. A simple pole at
300kHz or lower will produce a flat passband unity gain
response.
A
1
A
2
A
3
6
60k
60k
60k
60k
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA118
G = 1 +
50k
R
G
+
5
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
0.1µF
0.1µF
+
V
O
R
G
Also drawn in simplified form:
INA118
Ref
V
O
V
IN
V
IN
+
Ref


Similar Part No. - INA118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118P TI1-INA118P Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118P TI1-INA118P Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118PB TI1-INA118PB Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com