Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS1S1205SC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NCS1S1205SC
Description  Isolated 1W 4:1 Input Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS1S1205SC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  NCS1S1205SC Datasheet HTML 1Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 2Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 3Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 4Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 5Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 6Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 7Page - Murata Power Solutions Inc. NCS1S1205SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCS1 Series
Isolated 1W 4:1 Input Single Output DC/DC Converters
KDC_NCS1.A02 Page 7 of 8
All enquiries: www.murata-ps.com/support
www.murata-ps.com
EMC FILTERING AND SPECTRA
NCS1S1203SC
NCS1S1205SC
NCS1S1212SC
NCS1S2403SC
NCS1S2405SC
NCS1S2412SC
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)


Similar Part No. - NCS1S1205SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS1S1205SC MURATA-PS-NCS1S1205SC Datasheet
258Kb / 11P
   Isolated 1W 4:1 Input Single Output DC-DC Converters
2021
More results

Similar Description - NCS1S1205SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTC1 MURATA-PS-MTC1 Datasheet
471Kb / 11P
   Isolated 1W SM 2:1 Input Single Output DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com