Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0550A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0550A
Description  SAW Filter 173.075 MHz F-11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0550A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0550A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0550A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0550A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0550A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E. Frequency Characteristics :
S21 (Wideband)
S21 (Inband)


Similar Part No. - TB0550A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0557A TAI-SAW-TB0557A Datasheet
242Kb / 7P
   SAW Filter 135.53 MHz SMD 5.0X7.0 mm
logo
Golledge Electronics Lt...
TB0557A GOLLEDGE-TB0557A Datasheet
64Kb / 5P
   SAW Filter: 135.53MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0559A TAI-SAW-TB0559A Datasheet
359Kb / 8P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
logo
Golledge Electronics Lt...
TB0559A GOLLEDGE-TB0559A Datasheet
131Kb / 7P
   SAW Filter 140.0MHz
More results

Similar Description - TB0550A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08914 GOLLEDGE-MA08914 Datasheet
125Kb / 5P
   173.075 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0548A TAI-SAW-TB0548A Datasheet
284Kb / 4P
   SAW Filter 165.45 MHz F-11
TB0549A TAI-SAW-TB0549A Datasheet
281Kb / 4P
   SAW Filter 169.2 MHz F-11
TB0547A TAI-SAW-TB0547A Datasheet
284Kb / 4P
   SAW Filter 164.175 MHz F-11
TB0485A TAI-SAW-TB0485A Datasheet
249Kb / 7P
   SAW Filter 173.075 MHz SMD 5.0X7.0 mm
TA0826A TAI-SAW-TA0826A Datasheet
270Kb / 4P
   SAW Filter 504MHz F-11
TA0701A TAI-SAW-TA0701A Datasheet
219Kb / 4P
   SAW Filter 414MHz F-11
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com