Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67SMOB Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 67SMOB
Description  Low Voltage Differential Signaling Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

67SMOB Datasheet(HTML) 1 Page - Wolfgang Knap

  67SMOB Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
Low Voltage Differential Signaling Oscillators
Metal
Ceramic
Seam
Tungsten (metalized)
Gold / Nickel
(surface) / (under)
Compliant (Pb-free)
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
67SMO
VOL
VOH
TF
TR
T
Symmetry=t/T×100(%)
t
80% VPP
50% VPP
20% VPP
GND
VPP
VOS
7.0
±0.2
0.26
1.14
1.14
1.4
1.4
1.4
2.54
5.08
2.54
#3
#2
#1
#4
#5
#6
#3
#2
#1
#4
#5
#6
PIN
1
CONNECTION
"L"
2
N.C.
4Z
3
GND
OPEN or "H"
OUTPUT
Z
C-OUTPUT
Z : high impedance
6VDD
5
67SMO
OUTPUT WAVEFORM
A
#6
#5
OUTPUT
OUT
PUT
#1
#2 GND
N.C.
E/D
SW
TRI-
STATE
#3
T.P.
T.P.
100Ω
#4
VDD
0.1μF VDD
TEST CIRCUIT
67SMO
67SMO (+2.5V or +3.3V FIXED LVDS MODELS)
STANDARD SMD CLOCK OSCILLATORS
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
Item
Specifications
67SMO※1
80.000 MHz to 300.000 MHz
67SMO(A) : ±100 ppm
67SMO(B) : ±50 ppm
67SMO(C) : ±30 ppm
67SMO(D) : ±25 ppm
0˚C to +70˚C
+2.5V DC ±5% or +3.3V DC ±5%
VIH : 70%VDD min.
VIL : 30%VDD max.※2
-0.5V to +5.0V DC
-50˚C to +125˚C
70 mA max.
30μA max.
45% to 55% (at crossing point)
1 ns max. (20% to 80% of amplitude)
VOL : +1.10V, Typical
VOH : +1.43V, Typical
100Ω (OUT-OUTN)
0.33V, Typical
1.25V, Typical
200 ns max.
10 ms max.
10 ms max.
1 ps max.
±5 ppm max. at +25˚C ±3˚C for first year
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (preheating)
LVDS
(※1) Final exact part number to be determined with frequency, frequency stability and input voltage.
e.g. 67SMO(3.3VC) 164.355 MHz.
(※2) Internal crystal oscillation to be halted (Pin #1=VIL).
Generic part number
Frequency range
Frequency stability
(0˚C to +70˚C)
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
Stand-by control voltage (Pin#1)
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current (Pin#1 = Open or VIH)
Stand-by current (Pin#1=VIL)
Output (0˚C to +70˚C)
Symmetry
Rise and fall times
"0" level
"1" level
Load
Differential output voltage
Offset voltage
Disable delay time
Enable delay time
Startup time
RMS jitter (12 kHz to 20 MHz band)
Aging
Reflow condition
2.54
2.54
5.08
1.6
1.6
1.6
0.94
0.94
0.01μF
0.1μF
SOLDERING PATTERN
A
7.5 5.5 16.0 7.5 8.0 2.0 0.3 2.2
245
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Similar Part No. - 67SMOB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
67S103MCLCP AVX-67S103MCLCP Datasheet
107Kb / 2P
   Disc Ceramic Capacitors AC and Switch Mode Epoxy Coated
logo
Sangdest Microelectroni...
67SPB020 SMC-67SPB020 Datasheet
197Kb / 4P
   Power Surface Mount Schottky Rectifier
More results

Similar Description - 67SMOB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C401 NSC-DS90C401 Datasheet
650Kb / 11P
   Dual Low Voltage Differential Signaling (LVDS) Driver
logo
ECS, Inc.
ECS-LVDS25-1250-A ECS-ECS-LVDS25-1250-A Datasheet
226Kb / 2P
   ECS-LVDS25 (2.5V) and ECS-LVDS33 (3.3V) Low Voltage Differential Signaling SMD LVDS oscillators
logo
Texas Instruments
DS90C401MX TI-DS90C401MX Datasheet
955Kb / 17P
[Old version datasheet]   DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
logo
EUROQUARTZ limited
HDK5361 EUROQUARTZ-HDK5361 Datasheet
256Kb / 1P
   DIFFERENTIAL LVDS OSCILLATORS
logo
Fairchild Semiconductor
FSHDMI04 FAIRCHILD-FSHDMI04 Datasheet
305Kb / 9P
   Wide-bandwidth Differential Signaling HDMI Switch
logo
EUROQUARTZ limited
HCK5361 EUROQUARTZ-HCK5361 Datasheet
255Kb / 1P
   DIFFERENTIAL HCSL OSCILLATORS
logo
Fairchild Semiconductor
FSHDMI04 FAIRCHILD-FSHDMI04_06 Datasheet
687Kb / 12P
   Wide-Bandwidth Differential Signaling HDMI Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com