Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA122P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA122P
Description  Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA122P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA122P Datasheet HTML 1Page - Burr-Brown (TI) INA122P Datasheet HTML 2Page - Burr-Brown (TI) INA122P Datasheet HTML 3Page - Burr-Brown (TI) INA122P Datasheet HTML 4Page - Burr-Brown (TI) INA122P Datasheet HTML 5Page - Burr-Brown (TI) INA122P Datasheet HTML 6Page - Burr-Brown (TI) INA122P Datasheet HTML 7Page - Burr-Brown (TI) INA122P Datasheet HTML 8Page - Burr-Brown (TI) INA122P Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
INA122
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±5V, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
125
75
100
80
60
40
20
0
SETTLING TIME vs GAIN
Gain (V/V)
10
1
0.1
1
10
100
1k
0.01%
10V Step
0.1%
INPUT-REFERRED OFFSET VOLTAGE WARM-UP
Time After Turn-On (ms)
01
10
234
5
67
8
9
10
8
6
4
2
0
–2
–4
–6
–8
–10
(Noise)
Turn-on time
≤ 1ms. Settling time to
final value depends on Gain—see
settling time.
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
10
100
1k
1
0.1
0.01
0.001
10k
G = 5
G = 100
R
L = ∞
R
L = 25kΩ
VOLTAGE and CURRENT NOISE DENSITY
vs FREQUENCY (RTI)
1000
100
10
Frequency (Hz)
1
10
100
10k
1k
V
N
I
N
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
0
5
10
15
20
25
Output Current (mA)
Sourcing Current
Sinking Current
V+
(V+)–1
(V+)–2
(V–)+2
(V–)+1
V–


Similar Part No. - INA122P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122P BURR-BROWN-INA122P Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PA BURR-BROWN-INA122PA Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PAG4 BURR-BROWN-INA122PAG4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PG4 BURR-BROWN-INA122PG4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com