Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA125P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA125P
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA125P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA125P Datasheet HTML 1Page - Burr-Brown (TI) INA125P Datasheet HTML 2Page - Burr-Brown (TI) INA125P Datasheet HTML 3Page - Burr-Brown (TI) INA125P Datasheet HTML 4Page - Burr-Brown (TI) INA125P Datasheet HTML 5Page - Burr-Brown (TI) INA125P Datasheet HTML 6Page - Burr-Brown (TI) INA125P Datasheet HTML 7Page - Burr-Brown (TI) INA125P Datasheet HTML 8Page - Burr-Brown (TI) INA125P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
INA125
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 500
G = 100
G = 10
G = 4
COMMON-MODE REJECTION vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 100, 500
G = 4
G = 10
G = 500
G = 100
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE, V
S = ±5V
Output Voltage (V)
–5
–4
5
–3
–2
–1
0
1
2
3
4
5
4
3
2
1
0
–1
–2
–3
–4
–5
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text
V
S = ±5V
V
S = +5V
IA
REF = 0V
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 4
G = 10
G = 500
G = 100
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 4
G = 10
G = 100
G = 500
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
+
VCM
VO
VD/2
IA
REF
–15V
+15V
+
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text


Similar Part No. - INA125P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125P TI1-INA125P Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125P TI1-INA125P Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125PA TI1-INA125PA Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125PA TI1-INA125PA Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125PAG4 TI1-INA125PAG4 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results

Similar Description - INA125P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com