Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB-300-01 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-300-01
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-300-01 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-300-01 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+71 ºC - - - - - - -54 ºC
RF AMPLIFIER
MODEL
QB-300-01
Available as:
QB-300-01, Outline Drawing with BNC
Connectors (080-22518)
Specifications
Maximum Ratings
Ambient Operating Temperature ................. -54ºC to +71 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +24 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -54 ºC to +71 ºC
Frequency
1 - 300 MHz
1 - 300 MHz
Power
Vdc
+20
mA
154
Noise Figure (dB)
3.8
VSWR
In
1.5:1
Out
1.5:1
Reverse Isolation (dB)
-36
Gain (dB)
24.5
Gain Flatness
1.0
Output Intercept point
3rd Order
+37
2nd Order
+52
Gain vs. Temperature
+0.5/ -0.6 Max.
1 dB Compression (dBm)
+22
± 1.0
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
Rev.
1/20/09
Features
!
!
!
!
! High Gain: 24.5 dB Typical
!
!
!
!
! High Power: +22 dBm Typical
!
!
!
!
! Operating Temp. -54 ºC to +71 ºC
!
!
!
!
! Environmental Screening Available
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
1
60
90
120
180
210
240
270
300
-24.6
-24.8
-25.0
-24.8
-22.5
-21.2
-19.9
-18.6
-17.1
31.5
-2.0
0.6
4.6
5.1
2.2
-2.0
-7.0
-15.6
24.1
24.2
24.2
24.1
24.1
24.2
21.2
24.3
24.3
11.5
-57.2
-85.5
-113.8
-171.4
159.5
129.8
99.2
67.9
-51.0
-49.3
-47.4
-46.4
-43.2
-43.1
-42.6
-41.0
-40.5
170.0
177.9
142.9
147.7
105.0
72.5
57.5
40.0
15.0
-19.2
-29.6
-29.4
-28.6
-25.4
-23.0
-20.4
-17.8
-15.3
89.9
-48.6
-70.8
-93.7
-144.6
-168.9
171.8
155.1
138.1
==================================================================
22
26
25
23
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
24
27
-70
-20
-40
-60
-50
-30
-10
1
10
100
MHz
19
23
21
20
22
1.4
1.2
1.1
1.3
1.5
39
37
35
36
41
38
5.0
0.0
2.0
1.0
Noise Figure (dB)
1.0
Input
Output
4.0
40
24
3.0
1
10
100
MHz
1
10
100
MHz
1
10
100
MHz
1
10
100
MHz
1.6
1
100
1000
MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QB-300-01

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-300-02 APITECH-QB-300-02 Datasheet
187Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - QB-300-01

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com