Electronic Components Datasheet Search |
|
INA128 Datasheet(PDF) 9 Page - Burr-Brown (TI) |
|
|
INA128 Datasheet(HTML) 9 Page - Burr-Brown (TI) |
9 / 10 page OFFSET TRIMMING The INA128/INA129 is laser trimmed for low offset voltage and offset voltage drift. Most applications require no exter- nal offset adjustment. Figure 2 shows an optional circuit for trimming the output offset voltage. The voltage applied to Ref terminal is summed with the output. The op amp buffer provides low impedance at the Ref terminal to preserve good common-mode rejection. INPUT BIAS CURRENT RETURN PATH The input impedance of the INA128/INA129 is extremely high—approximately 1010 Ω. However, a path must be pro- vided for the input bias current of both inputs. This input bias current is approximately ±2nA. High input impedance means that this input bias current changes very little with varying input voltage. Input circuitry must provide a path for this input bias current for proper operation. Figure 3 shows various provisions for an input bias current path. Without a bias current path, the inputs will float to a potential which exceeds the common- mode range, and the input amplifiers will saturate. If the differential source resistance is low, the bias current return path can be connected to one input (see the thermo- couple example in Figure 3). With higher source impedance, using two equal resistors provides a balanced input with possible advantages of lower input offset voltage due to bias current and better high-frequency common-mode rejection. INPUT COMMON-MODE RANGE The linear input voltage range of the input circuitry of the INA128/INA129 is from approximately 1.4V below the positive supply voltage to 1.7V above the negative supply. As a differential input voltage causes the output voltage increase, however, the linear input range will be limited by the output voltage swing of amplifiers A1 and A2. So the FIGURE 2. Optional Trimming of Output Offset Voltage. 10k Ω OPA177 ±10mV Adjustment Range 100 Ω 100 Ω 100µA 1/2 REF200 100µA 1/2 REF200 V+ V– R G INA128 Ref V O V IN – V IN + FIGURE 3. Providing an Input Common-Mode Current Path. 47k Ω 47k Ω 10k Ω Microphone, Hydrophone etc. Thermocouple Center-tap provides bias current return. INA128 INA128 INA128 linear common-mode input range is related to the output voltage of the complete amplifier. This behavior also de- pends on supply voltage—see performance curves “Input Common-Mode Range vs Output Voltage”. Input-overload can produce an output voltage that appears normal. For example, if an input overload condition drives both input amplifiers to their positive output swing limit, the difference voltage measured by the output amplifier will be near zero. The output of A 3 will be near 0V even though both inputs are overloaded. LOW VOLTAGE OPERATION The INA128/INA129 can be operated on power supplies as low as ±2.25V. Performance remains excellent with power supplies ranging from ±2.25V to ±18V. Most parameters vary only slightly throughout this supply voltage range—see typical performance curves. Operation at very low supply voltage requires careful attention to assure that the input voltages remain within their linear range. Voltage swing requirements of internal nodes limit the input common- mode range with low power supply voltage. Typical perfor- mance curves, “Input Common-Mode Range vs Output Voltage” show the range of linear operation for ±15V, ±5V, and ±2.5V supplies. |
Similar Part No. - INA128 |
|
Similar Description - INA128 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |