Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB-445 Datasheet(PDF) 2 Page - API Technologies Corp

Part # QB-445
Description  2.5 ??3.5 GHz, 1 Watt Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-445 Datasheet(HTML) 2 Page - API Technologies Corp

  QB-445 Datasheet HTML 1Page - API Technologies Corp QB-445 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revision 1
D. Package Outline
NOTES:
INTERPRET DRAWING IAW ASME Y14.100-2004
DIMENSIONING AND TOLERANCING IAW ASME Y14.5-1994
DIMENSIONS ARE IN INCHES
MATERIAL: 70/30 COPPER NICKEL
TOLERANCES
ANGLES: ± 1.0°
2 PLACE DECIMAL: ± .03 inches
3 PLACE DECIMAL: ± .010 inches
Figure 1


Similar Part No. - QB-445

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
QB-447 APITECH-QB-447 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
logo
Renesas Technology Corp
QB-44GB-HQ-01T RENESAS-QB-44GB-HQ-01T Datasheet
787Kb / 44P
   IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
QB-44GB-NQ-01T RENESAS-QB-44GB-NQ-01T Datasheet
787Kb / 44P
   IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
QB-44GB-YS-01T RENESAS-QB-44GB-YS-01T Datasheet
787Kb / 44P
   IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
More results

Similar Description - QB-445

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
QB-971 APITECH-QB-971 Datasheet
107Kb / 2P
   Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
QB-970 APITECH-QB-970 Datasheet
107Kb / 2P
   Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
logo
Fairchild Semiconductor
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
   2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
WHM2535-12AE ETC-WHM2535-12AE Datasheet
260Kb / 5P
   2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
   .1 - 3.5 GHz Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com