Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA134PA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA134PA
Description  AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA134PA Datasheet(HTML) 6 Page - Burr-Brown (TI)

  INA134PA Datasheet HTML 1Page - Burr-Brown (TI) INA134PA Datasheet HTML 2Page - Burr-Brown (TI) INA134PA Datasheet HTML 3Page - Burr-Brown (TI) INA134PA Datasheet HTML 4Page - Burr-Brown (TI) INA134PA Datasheet HTML 5Page - Burr-Brown (TI) INA134PA Datasheet HTML 6Page - Burr-Brown (TI) INA134PA Datasheet HTML 7Page - Burr-Brown (TI) INA134PA Datasheet HTML 8Page - Burr-Brown (TI) INA134PA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
INA134/2134
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±18V, unless otherwise noted.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
80
60
40
20
0
–20
–40
–60
–80
+I
SC
–I
SC
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
25
20
15
10
5
0
Typical Production Distribution
of Packaged Units.
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
4
3
2
1
0
SLEW RATE vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
+SR
125
16
14
12
10
8
–SR
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
±4
±6
±8
±10
±12
±14
±16
±18
3
2
1
0
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
25
20
15
10
5
0
Typical Production
Distribution of
Packaged Units.


Similar Part No. - INA134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134PA BURR-BROWN-INA134PA Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
Texas Instruments
INA134PA TI1-INA134PA Datasheet
1Mb / 20P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVERS
logo
Burr-Brown (TI)
INA134PAG4 BURR-BROWN-INA134PAG4 Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
Texas Instruments
INA134PAG4 TI1-INA134PAG4 Datasheet
1Mb / 20P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - INA134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
logo
Burr-Brown (TI)
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
Texas Instruments
INA134 TI1-INA134 Datasheet
1Mb / 20P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com