Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0592A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0592A
Description  SAW Filter 201MHz SMD 13.3횞6.5mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0592A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0592A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB0592A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
D. Outline Drawing:
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
Pin K : RF Input or Balanced input +
Pin A : RF Input Ground or Balanced input -
Pin E : RF Output or Balanced output +
Pin F : RF Output Ground or Balanced output -
Pin B,C,D,G,H,J : Ground
: Year Code
: Date Code (Follow the table from planner each
year)
Unit : mm


Similar Part No. - TB0592A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0592A GOLLEDGE-TB0592A Datasheet
131Kb / 7P
   SAW Filter 201.02MHz
More results

Similar Description - TB0592A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0572A TAI-SAW-TB0572A Datasheet
261Kb / 7P
   SAW Filter 185.5MHz SMD 13.3횞6.5mm
TB1156A TAI-SAW-TB1156A Datasheet
222Kb / 8P
   IF SAW Filter 240MHz(BW=5MHz) SMD 13.3횞6.5mm
logo
ECS, Inc.
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
   SMD SAW FILTER
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
   SMD SAW FILTER
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
   SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
   SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
   SMD 1575.42MHz SAW Filter
12.10.09
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
   SMD 915.0MHz SAW FILTER
11.07.11
AB ABRACON-AB Datasheet
2Mb / 4P
   SMD 869.0MHz SAW Filter
07.09.14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com