Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHB Datasheet(PDF) 1 Page - Wolfgang Knap

Part # NHB
Description  8-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

NHB Datasheet(HTML) 1 Page - Wolfgang Knap

  NHB Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 34 -
Ausgabedatum: 00-09-21
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
8-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
NHB1L / NHB1H / NHT1L
FREQUENZSTABILITÄT
FREQUENCY STABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
NH1B1L/-B1H/-T1L
±100ppm/-10~+70°C
Betriebstemperatur operating temp.
-10~+70°C, -40~+85°C
NH2B1L/-B1H/-T1L
±50ppm/-10~+70°C
Lagertemperatur storage temperature
-55~+125°C
NH3B1L/-B1H/-T1L
±25ppm/-10~+70°C
Betriebsspannung VDD
NH1B1HR
±100ppm/-45~+85°C
supply voltage
+5,0V ±0,5V
Elektrische Daten electrical characteristics
Ta = 25°C, VDD = 5,0 V, CL = 15 pF (NHxB1L), CL = 50 pF (NHxB1H), RL = 400 Ω (NHxT1L)
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequency range
(MHz)
NHxB1L
NHxB1H
NHxT1L
max. Stromaufnahme
max. input current
IDD
1,800 - 25,000
25,000
+ - 50,000
50,000
+ - 80,000
80,000
+ - 100,000
16 mA
30 mA
59 mA
69 mA
25 mA
40 mA
77 mA
82 mA
16 mA
30 mA
60 mA
75 mA
Frequenzstabilität
frequency stability
über alles *)
all conditions *)
1,800 - 50,000
50,000
+ - 90,000
90,000
+ - 100,000
±25 ppm ~ ±100 ppm
±50 ppm ~ ±100 ppm
±100 ppm
@2.5 V
1,800 - 80,000
80,000
+ - 100,000
45/55 %
40/60 %
-
-
Tastverhältnis
symmetry
@1,4 V
1,800 - 80,000
80,000
+ - 100,000
-
-
45/55 %
40/60 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,800 - 100,000
0,5 V max.
4,5 V min.
0,4V max.
2,4V min.
Anstiegszeit max.
rise time max.
TR
0,5 - 4,5 V
0,4 - 2,4 V
1,800 - 100,000
5 ns max.
-
-
5 ns max.
Abfallzeit max.
fall time max.
TF
4,5 - 0,5 V
2,4 - 0,4 V
1,800 - 100,000
5 ns max.
-
-
5 ns max
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
1,800 – 100,000
16 mA min.
16 mA min.
16 mA min.
4 mA min.
TTL
1,800 - 100,000
10 N-TTL max.
max. Belastbarkeit
max. driving ability
HCMOS
1,800 - 80,000
80,000
+ - 100,000
15 pF max.
15 pF max.
50 pF max
30 pF max.
-
-
Startzeit max.
start-up time max.
0,0 - 5,0 V
1,800 – 100,000
10 ms max.
*) Anmerkung: inkl. Abgleichtoleranz bei +25°C, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
*) note: incl. Frequency (at 25°C) and temperature tolerance, supply voltage and load change, aging, shock and vibration
Abmessungen in mm / dimensions in mm
Anschlußbelegung
pin connections
#1
E/D
#4
GND
#5
OUT
#8
VDD
Funktionstabelle
enable /disable function
INH (pin #1)
output (pin #3)
open
active
“1“ (VIH ≥ 2,2 V)
active
“0“ (VIL ≤ 0,8 V)
high Z
6,0 max.
4,0
0,8
PIN #1
PIN #8
PIN #5
PIN #4
7,62 ±0,2
7,62 ±0,2
13,0
max.
13,0 max.
11,8
11,8


Similar Part No. - NHB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHB00B LITTELFUSE-NHB00B Datasheet
427Kb / 2P
   NH Fuse Links
NHB00C LITTELFUSE-NHB00C Datasheet
427Kb / 2P
   NH Fuse Links
NHB1B LITTELFUSE-NHB1B Datasheet
427Kb / 2P
   NH Fuse Links
NHB2B LITTELFUSE-NHB2B Datasheet
427Kb / 2P
   NH Fuse Links
NHB3B LITTELFUSE-NHB3B Datasheet
427Kb / 2P
   NH Fuse Links
More results

Similar Description - NHB

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
NFB WK-NFB Datasheet
70Kb / 1P
   14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Fox Electronics
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E FOX-H5C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2E FOX-F5C-2E Datasheet
172Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Connor-Winfield Corpora...
A54RG CONNOR-WINFIELD-A54RG Datasheet
209Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A54R CONNOR-WINFIELD-A54R Datasheet
202Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A64RG CONNOR-WINFIELD-A64RG Datasheet
209Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A61RA CONNOR-WINFIELD-A61RA Datasheet
200Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
H51R CONNOR-WINFIELD-H51R Datasheet
64Kb / 1P
   8 PIN DIP HCMOS ENABLE/DISABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com