Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0620A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0620A
Description  SAW Filter 495 MHz 30MHz BW SMD 5.0x5.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0620A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0620A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0620A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 495 MHz 30MHz BW SMD 5.0x5.0mm
MODEL NO.: TB0620A
Rev. NO. 1.0
A. MAXIMUM RATING:
1. Operating Temperature: -25
°C to +70°C
2. Storage Temperature: -40
°C to +85°C
3. Maximum Input Power : 10dBm
Electrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
1. Ambient Temperature:
25
°
Item
Min.
Typical
Max.
Center frequency
Fc
MHz
-
495
-
Insertion loss at Fc
dB
-
14.5
18
Bandwidth at –1.0dB
MHz
30.0
31.5
-
Bandwidth at –6.0dB
MHz
-
37.4
38.0
Bandwidth at –25.0dB
MhZ
44.0
45
Amplitude Ripple (Fc ± 15 MHz)
dB
-
0.7
1
Group Delay Ripple
(Fc ± 15 MHz)
nS
-
23
100
Absolute Group delay at Fc
nS
-
307
-
Temp Coefficient
ppm/˚C
-
-0.18
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0620A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0620A GOLLEDGE-TB0620A Datasheet
54Kb / 6P
   SAW Filter 495.0MHz
More results

Similar Description - TB0620A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0619A TAI-SAW-TB0619A Datasheet
95Kb / 7P
   SAW Filter 350 MHz 30MHz BW SMD 5.0x5.0mm
TB0990A TAI-SAW-TB0990A Datasheet
415Kb / 7P
   SAW Filter 502.5 MHz(BW=35MHz) 5.0x5.0mm
TA2706AA1231 TAI-SAW-TA2706AA1231 Datasheet
688Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2703AA1221 TAI-SAW-TA2703AA1221 Datasheet
684Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2571A TAI-SAW-TA2571A Datasheet
480Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TB0989A TAI-SAW-TB0989A Datasheet
413Kb / 7P
   SAW Filter 467.5 MHz(BW=35MHz) 5.0x5.0mm
TB1004A TAI-SAW-TB1004A Datasheet
423Kb / 8P
   SAW Filter 150 MHz(BW=50MHz) 5.0x5.0mm
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
   SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA1656A TAI-SAW-TA1656A Datasheet
349Kb / 8P
   SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TA1407A TAI-SAW-TA1407A Datasheet
406Kb / 8P
   SAW Filter 495 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com