Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129UA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA129UA
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA129UA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA129UA Datasheet HTML 1Page - Burr-Brown (TI) INA129UA Datasheet HTML 2Page - Burr-Brown (TI) INA129UA Datasheet HTML 3Page - Burr-Brown (TI) INA129UA Datasheet HTML 4Page - Burr-Brown (TI) INA129UA Datasheet HTML 5Page - Burr-Brown (TI) INA129UA Datasheet HTML 6Page - Burr-Brown (TI) INA129UA Datasheet HTML 7Page - Burr-Brown (TI) INA129UA Datasheet HTML 8Page - Burr-Brown (TI) INA129UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPECIFICATIONS
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
INA128P, U
INA128PA, UA
INA129P, U
INA129PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
T Specification same as INA128P, U or INA129P, U.
NOTE: (1) Input common-mode range varies with output voltage—see typical curves. (2) Guaranteed by wafer test. (3) Temperature coefficient of the 50k
Ω (or 49.4kΩ)
term in the gain equation. (4) Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is
±0.001%.
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±10 ±100/G
±50 ±500/G
±25 ±100/G ±125 ±1000/G
µV
vs Temperature
TA = TMIN to TMAX
±0.2 ± 2/G
±0.5 ± 20/G
±0.2 ± 5/G
±1 ± 20/G
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
±0.2 ±20/G
±1 ±100/G
T
±2 ±200/G
µV/V
Long-Term Stability
±0.1 ±3/G
T
µV/mo
Impedance, Differential
1010 || 2
T
Ω || pF
Common-Mode
1011 || 9
T
Ω || pF
Common-Mode Voltage Range(1)
VO = 0V
(V+) – 2
(V+) – 1.4
TT
V
(V–) + 2
(V–) + 1.7
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±13V, ∆RS = 1kΩ
G=1
80
86
73
T
dB
G=10
100
106
93
T
dB
G=100
120
125
110
T
dB
G=1000
120
130
110
T
dB
BIAS CURRENT
±2
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
Offset Current
±1
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
NOISE VOLTAGE, RTI
G = 1000, RS = 0Ω
f = 10Hz
10
T
nV/
√Hz
f = 100Hz
8
T
nV/
√Hz
f = 1kHz
8
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.2
T
µVp-p
Noise Current
f=10Hz
0.9
T
pA/
√Hz
f=1kHz
0.3
T
pA/
√Hz
fB = 0.1Hz to 10Hz
30
T
pAp-p
GAIN
Gain Equation, INA128
1 + (50k
Ω/R
G)
T
V/V
INA129
1 + (49.4k
Ω/R
G)
T
V/V
Range of Gain
1
10000
TT
V/V
Gain Error
G=1
±0.01
±0.024
T
±0.1
%
G=10
±0.02
±0.4
T
±0.5
%
G=100
±0.05
±0.5
T
±0.7
%
G=1000
±0.5
±1
T
±2%
Gain vs Temperature(2)
G=1
±1
±10
TT
ppm/
°C
50k
Ω (or 49.4kΩ) Resistance(2, 3)
±25
±100
TT
ppm/
°C
Nonlinearity
VO = ±13.6V, G=1
±0.0001
±0.001
T
±0.002
% of FSR
G=10
±0.0003
±0.002
T
±0.004
% of FSR
G=100
±0.0005
±0.002
T
±0.004
% of FSR
G=1000
±0.001
(Note 4)
TT
% of FSR
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) – 1.4
(V+) – 0.9
TT
V
Negative
RL = 10kΩ
(V–) + 1.4
(V–) + 0.8
TT
V
Load Capacitance Stability
1000
T
pF
Short-Circuit Current
+6/–15
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G=1
1.3
T
MHz
G=10
700
T
kHz
G=100
200
T
kHz
G=1000
20
T
kHz
Slew Rate
VO = ±10V, G=10
4
T
V/
µs
Settling Time, 0.01%
G=1
7
T
µs
G=10
7
T
µs
G=100
9
T
µs
G=1000
80
T
µs
Overload Recovery
50% Overdrive
4
T
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
TT
T
V
Current, Total
VIN = 0V
±700
±750
TT
µA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
8-Pin Dip
80
T
°C/W
SO-8 SOIC
150
T
°C/W


Similar Part No. - INA129UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA129UA/2K5 TI1-INA129UA/2K5 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA129UA/2K5E4 TI1-INA129UA/2K5E4 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA129UA/2K5G4 TI1-INA129UA/2K5G4 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
More results

Similar Description - INA129UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com