Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2137UA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2137UA
Description  AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2137UA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA2137UA Datasheet HTML 1Page - Burr-Brown (TI) INA2137UA Datasheet HTML 2Page - Burr-Brown (TI) INA2137UA Datasheet HTML 3Page - Burr-Brown (TI) INA2137UA Datasheet HTML 4Page - Burr-Brown (TI) INA2137UA Datasheet HTML 5Page - Burr-Brown (TI) INA2137UA Datasheet HTML 6Page - Burr-Brown (TI) INA2137UA Datasheet HTML 7Page - Burr-Brown (TI) INA2137UA Datasheet HTML 8Page - Burr-Brown (TI) INA2137UA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
INA137, INA2137
PIN CONFIGURATIONS
Top View
8-Pin DIP/SO-8
Top View
14-Pin DIP/SO-14
Ref
–In
+In
V–
NC
V+
Output
Sense
NC = No Connection
1
2
3
4
8
7
6
5
Supply Voltage, V+ to V– .................................................................... 40V
Input Voltage Range ..........................................................................
±80V
Output Short-Circuit (to ground)(2) ............................................................ Continuous
Operating Temperature ................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
(2) One channel per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
PACKAGE
SPECIFICATION
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
Single
INA137PA
8-Pin DIP
006
–40
°C to +85°C
INA137UA
SO-8 Surface-Mount
182
–40
°C to +85°C
Dual
INA2137PA
14-Pin DIP
010
–40
°C to +85°C
INA2137UA
SO-14 Surface-Mount
235
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC
–In A
+In A
V–
+In B
–In B
NC
Ref A
Out A
Sense A
V+
Sense B
Out B
Ref B
NC = No Connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B


Similar Part No. - INA2137UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2137UA BURR-BROWN-INA2137UA Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA2137UA/2K5 BURR-BROWN-INA2137UA/2K5 Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA2137UA/2K5E4 BURR-BROWN-INA2137UA/2K5E4 Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA2137UAE4 BURR-BROWN-INA2137UAE4 Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
More results

Similar Description - INA2137UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
Texas Instruments
INA134 TI1-INA134 Datasheet
1Mb / 20P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVERS
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
[Old version datasheet]   AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com