Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA126PAG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PAG4
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PAG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA126PAG4 Datasheet HTML 1Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 2Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 3Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 4Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 5Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 6Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 7Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 8Page - Burr-Brown (TI) INA126PAG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INA126, INA2126
2
SBOS062A
www.ti.com
PIN CONFIGURATION (Single)
Top View
8-Pin DIP, SO-8, MSOP-8
R
G
V
IN
V
+
IN
V–
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
PIN CONFIGURATION (Dual)
Top View
16-Pin DIP, SO-16, SSOP-16
V
INA
V
INA
R
GA
R
GA
V
INB
V
INB
R
GB
R
GB
1
2
3
4
Ref
A
V
OA
Sense
A
V–
5
6
7
8
16
15
14
13
Ref
B
V
OB
Sense
B
V+
12
11
10
9
+
+
Power Supply Voltage, V+ to V– ........................................................ 36V
Input Signal Voltage(2) ........................................... (V–)–0.7 to (V+)+0.7V
Input Signal Current(2) ...................................................................... 10mA
Output Short Circuit ................................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Input signal voltage is limited by internal diodes connected to power
supplies. See text.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE
PRODUCT
PACKAGE-LEAD
MARKING
Single
INA126PA
DIP-8
INA126PA
INA126P
DIP-8
INA126P
INA126UA
SO-8
INA126UA
INA126U
SO-8
INA126U
INA126EA(2)
MSOP-8
A26(3)
"""
INA126E(2)
MSOP-8
A26(3)
"""
Dual
INA2126PA
DIP-16
INA2126PA
INA2126P
DIP-16
INA2126P
INA2126UA
SO-16
INA2126UA
INA2126U
SO-16
INA2126U
INA2126EA(2)
SSOP-16
INA2126EA
"""
INA2126E(2)
SSOP-16
INA2126E
"""
NOTES: (1) For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the TI website
at www.ti.com. (2) MSOP-8 and SSOP-16 packages are available only on 250
or 2500 piece reels. (3) Grade designation is marked on reel.


Similar Part No. - INA126PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120AP TI-INA120AP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BG TI-INA120BG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BP TI-INA120BP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120CG TI-INA120CG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA126PAG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com