Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2128 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2128
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2128 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA2128 Datasheet HTML 1Page - Burr-Brown (TI) INA2128 Datasheet HTML 2Page - Burr-Brown (TI) INA2128 Datasheet HTML 3Page - Burr-Brown (TI) INA2128 Datasheet HTML 4Page - Burr-Brown (TI) INA2128 Datasheet HTML 5Page - Burr-Brown (TI) INA2128 Datasheet HTML 6Page - Burr-Brown (TI) INA2128 Datasheet HTML 7Page - Burr-Brown (TI) INA2128 Datasheet HTML 8Page - Burr-Brown (TI) INA2128 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
INA2128
5
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
CROSSTALK vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1V/V
G = 10V/V
G = 100V/V
G = 1000V/V
G = 1000V/V
G = 100V/V
SETTLING TIME vs GAIN
Gain (V/V)
100
10
1
1
10
100
1000
0.01%
0.1%
OFFSET VOLTAGE WARM-UP
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
10
20
30
40
50
Time (ms)
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
5
4
3
2
1
0
–1
–2
–3
–4
–5
Input Voltage (V)
–50
–40
–30
–20
–10
10
20
30
40
050
G = 1V/V
G = 1V/V
G = 1000V/V
G = 1000V/V
VIN
IIN
–15V
+15V
INA2128
1/2
Flat region represents
normal linear operation.
INPUT- REFERRED NOISE vs FREQUENCY
Frequency (Hz)
110
1k
100
1k
100
10
1
10k
G = 1V/V
G = 10V/V
100
10
1
0.1
Current Noise
G = 100, 1000V/V
QUIESCENT CURRENT and SLEW RATE
vs TEMPERATURE
Temperature (°C)
1.7
1.6
1.5
1.4
1.3
1.2
6
5
4
3
2
1
–75
–50
–25
0
25
50
75
100
125
I
Q
Slew Rate


Similar Part No. - INA2128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281K TI1-INA21281K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KE4 TI1-INA21281KE4 Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KG4 TI1-INA21281KG4 Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128U TI1-INA2128U Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com