Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2132U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2132U
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2132U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA2132U Datasheet HTML 2Page - Burr-Brown (TI) INA2132U Datasheet HTML 3Page - Burr-Brown (TI) INA2132U Datasheet HTML 4Page - Burr-Brown (TI) INA2132U Datasheet HTML 5Page - Burr-Brown (TI) INA2132U Datasheet HTML 6Page - Burr-Brown (TI) INA2132U Datasheet HTML 7Page - Burr-Brown (TI) INA2132U Datasheet HTML 8Page - Burr-Brown (TI) INA2132U Datasheet HTML 9Page - Burr-Brown (TI) INA2132U Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
®
INA2132
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA2132. Power supply bypass capacitors should be
connected close to the device pins.
The differential input signal is connected to pins 2 and 3 (or
pins 6 and 5) as shown. The source impedances connected to
the inputs must be nearly equal to assure good common-
mode rejection. An 8
Ω mismatch in source impedance will
degrade the common-mode rejection of a typical device to
approximately 80dB. Gain accuracy will also be slightly
affected. If the source has a known impedance mismatch, an
additional resistor in series with one input can be used to
preserve good common-mode rejection.
Do not interchange pins 3 and 14 (or pins 5 and 8) or pins
2 and 12 (or pins 6 and 10), even though nominal resistor
values are equal. These resistors are laser-trimmed for pre-
cise resistor ratios to achieve accurate gain and highest
CMRR. Interchanging these pins may not provide specified
performance. As shown in Figure 1, sense line should be
connected as close to the load as possible.
In the case where VREF is grounded, the equation simplifies to:
2 • (V–) < VCM < 2 • ((V+) – 1)
For more information, see the typical performance curve titled
“Input Common-Mode Voltage Range vs Output Voltage.”
OPERATING VOLTAGE
The INA2132 operates from single (+2.7V to +36V) or dual
(
±1.35V to ±18V) supplies with excellent performance.
Specifications are production tested with +5V and
±15V
supplies. Most behavior remains unchanged throughout the
full operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the Typical
Performance Curves.
The INA2132 can accurately measure differential signals
that are beyond the power supply rails. Linear common-
mode range extends to twice the negative power supply
voltage and nearly twice the positive power supply voltage.
Output phase reversal does not occur when the inputs to the
internal operational amplifier are overloaded to either rail.
See typical performance curve, “Common-Mode Range vs
Output Voltage.”
OFFSET VOLTAGE TRIM
The INA2132 is laser-trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
output offset voltage. The output is referred to the output
reference terminal (pin 14 or pin 8), which is normally
grounded. A voltage applied to the Ref terminal will be
summed with the output signal. This can be used to null
offset voltage. The source impedance of a signal applied to
the Ref terminal should be less than 8
Ω to maintain good
common-mode rejection. To assure low impedance at the
Ref terminal, the trim voltage can be buffered with an op
amp, such as the OPA277.
FIGURE 1. Basic Power Supply and Signal Connections.
FIGURE 2. Offset Adjustment.
To ensure valid operation of the differential amplifier, please
note the following points:
1) VOUT = V3 – V2 + VREF
2) VOUT must be within the specified linear range. For
example, with
±15V supplies and a 100kΩ load, the
output will be defined by:
(V–) + 0.15V < VOUT < (V+) – 0.8V
3) Input common-mode range at the nodes of the op amp
must be V–
≤ V
CM ≤ (V+) – 1. To ensure that the inputs
to the differential amp (+In and –In) meet this criteria,
limit the common-mode voltage inputs to:
2 • (V–) – VREF < VCM < 2 • ((V+) – 1) – VREF
V
3
12 (10)
13 (9)
3 (5)
V
O
INA2132
V
O = V3 – V2
Offset Adjustment
Range =
±500µV
2 (6)
R
3
Ref
R
1
R
2
R
4
V
2
8
R = 237k
8
100k
+15V
–15V
14 (8)
NOTE: For
±750µV range, R = 158kΩ.
V
3
12 (10)
13 (9)
3 (5)
INA2132
V
OUT = V3 – V2
2(6)
R
3
Ref
R
1
R
2
R
4
V
2
40k
40k
40k
40k
R
L
1
µF
NOTE: Pin numbers in parentheses ( ) refer to channel B.
V–
4
1
µF
V+
11
14 (8)


Similar Part No. - INA2132U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2132U TI1-INA2132U Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132U/2K5 TI1-INA2132U/2K5 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA TI1-INA2132UA Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA/2K5 TI1-INA2132UA/2K5 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA/2K5E4 TI1-INA2132UA/2K5E4 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA2132U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com