Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1207 Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1207
Description  12/9 Segment Output lines 4 to 7 grid output lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1207 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1207 Datasheet HTML 2Page - LDT Co., Ltd LD1207 Datasheet HTML 3Page - LDT Co., Ltd LD1207 Datasheet HTML 4Page - LDT Co., Ltd LD1207 Datasheet HTML 5Page - LDT Co., Ltd LD1207 Datasheet HTML 6Page - LDT Co., Ltd LD1207 Datasheet HTML 7Page - LDT Co., Ltd LD1207 Datasheet HTML 8Page - LDT Co., Ltd LD1207 Datasheet HTML 9Page - LDT Co., Ltd LD1207 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Ver1.0
6
LD1207
12/9 segment output lines 4 to 7 grid output lines
FUNCTIONAL DESCRIPTION
Commands
A command is the first byte (b0 to b7) inputted to LD1207 via DIN Pin after STB Pin has changed from ”HIGH” to
“LOW” state. If for some reason the STB Pin is set “HIGH” while data or commands are being transmitted, the
serial communication is initialized, and the data/commands being transmitted are considered invalid.
COMMAND 1 : DISPLAYMODE SETTING COMMANDS
LD1207 provides 4 display mode setting as shown in the diagram below: As stated earlier a
command is the first one byte(b0 to b7) transmitted to LD1207 via the DIN Pin when STB is
“LOW”. However, for these commands, Bit No.3 to Bit No.6(b2 to b5) are ignored,
Bit No.7 & Bit No.8(b6 to b7) are given a value of “0”.
The Display Mode Setting Commands determine the number of segments and grids be used
(1/4 to 1/7 duty, 12 to 9 segments). When these commands are executed, the display forcibly
turned off. A display command “ON” must be executed in order to resume display. If the same
mode setting is selected, no command execution is take place, therefore, nothing happens.
When Power is turned “ON”, the 7-Grid, 9-Segment Mode is selected.
MSB
0
0
-
-
-
-
b1
b0
LSB
Don’t Care
Display Mode Settings :
00 : 4 Grids, 12 Segments
01 : 5 Grids, 11 Segments
10 : 6 Grids, 10 Segments
11 : 7 Grids, 9 Segments


Similar Part No. - LD1207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
   The LD1207 is specifically designed for LED DISPLAY drivers
More results

Similar Description - LD1207

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
logo
RCD COMPONENTS INC.
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
LDT Co., Ltd
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
   12 SEGMENT X 7 GRID LED Driver
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
logo
Hantronix,Inc
HDM12216H HANTRONIX-HDM12216H Datasheet
28Kb / 1P
   12 Character x 2 Lines
logo
Integrated Device Techn...
83905-01 IDT-83905-01 Datasheet
409Kb / 20P
   Outputs able to drive 12 series terminated lines
logo
PCA ELECTRONICS INC.
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
logo
Rhombus Industries Inc.
FSDM-5 RHOMBUS-IND-FSDM-5 Datasheet
31Kb / 1P
   FSDM Series FAST / TTL Buffered Single Output Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com