Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO100BP Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO100BP
Description  Optically-Coupled Linear ISOLATION AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO100BP Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ISO100BP Datasheet HTML 3Page - Burr-Brown (TI) ISO100BP Datasheet HTML 4Page - Burr-Brown (TI) ISO100BP Datasheet HTML 5Page - Burr-Brown (TI) ISO100BP Datasheet HTML 6Page - Burr-Brown (TI) ISO100BP Datasheet HTML 7Page - Burr-Brown (TI) ISO100BP Datasheet HTML 8Page - Burr-Brown (TI) ISO100BP Datasheet HTML 9Page - Burr-Brown (TI) ISO100BP Datasheet HTML 10Page - Burr-Brown (TI) ISO100BP Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISO100
7
THEORY OF OPERATION
The ISO100 is fundamentally a unity gain current amplifier
intended to transfer small signals between electrical circuits
separated by high voltages or different references. In most
applications, an output voltage is obtained by passing the
output current through the feedback resistor (RF).
The ISO100 uses a single light emitting diode (LED) and a
pair of photodiode detectors coupled together to isolate the
output signal from the input.
Figure 1 shows a simplified diagram of the amplifier. IREF1
and IREF2 are required only for bipolar operation to generate
a midscale reference. The LED and photodiodes (D
1 and D2)
are arranged such that the same amount of light falls on each
photodiode. Thus, the currents generated by the diodes
match very closely. As a result, the transfer function de-
pends upon optical match rather than absolute performance.
Laser-trimming of the components improves matching and
enhances accuracy, while negative feedback improves lin-
earity. Negative feedback around A1 occurs through the
optical path formed by the LED and D
1. The signal is
transferred across the isolation barrier by the matched light
path to D
2.
The overall isolation amplifier is noninverting (a positive
going input produces a positive going output).
INSTALLATION AND
OPERATING INSTRUCTIONS
UNIPOLAR OPERATION
In Figure 1, assume a current, IIN, flows out of the ISO100
(IIN must be negative in unipolar operation). This causes the
voltage at pin 15 to decrease. Because the amplifier is
inverting, the output of A1 increases, driving current through
the LED. As the LED light output increases, D1 responds by
generating an increasing current. The current increases until
the sum of the currents in and out of the input node (–Input
to A
1) is zero. At that point, the negative feedback through
D1 has stabilized the loop, and the current ID1 equals the
input current plus the bias current. As a result, no bias
current flows in the source. Since D1 and D2 are matched
(I
D1 = ID2), IIN is replicated at the output via D2. Thus, A1
functions as a unity-gain current amplifier, and A2 is a
current-to-voltage converter, as described below.
Current produced by D2 must either flow into A2 or RF.
Since A2 is designed for low bias current (≈10nA), almost all
of the current flows through RF to the output. The output
voltage then becomes:
V
O = (ID2)RF = (ID1 ±IOS)RF ≈ –(–IIN)RF = IINRF
(1)
where, IOS is the difference between A1 and A2 bias currents.
For input voltage operation IIN can be replaced by a voltage
source (VIN) and series resistor (RIN), since the summing
node of the op amp is essentially at ground. Thus, IIN =
VIN/RIN.
Unipolar operation does have some constraints, however. In
this mode the input current must be negative so as to produce
a positive output voltage from A1 to turn the LED on. A
current more negative than 20nA is necessary to keep the
LED turned on and the loop stabilized. When this condition
is not met, the output may be indeterminant. Many sensors
generate unidirectional signals, e.g., photoconductive and
photodiode devices, as well as some applications of thermo-
couples. However, other applications do require bipolar
operation of the ISO100.
BIPOLAR OPERATION
To activate the bipolar mode, reference currents as shown in
Figure 1 are attached to the input nodes of the op amps. The
input stage stabilizes just as it did in unipolar operation.
FIGURE 1. Simplified Block Diagram of the ISO100.
A
1
16
15
18
D
1
D
2
A
2
8
Isolation
Barrier
7
3
I
REF2
R
F
I
REF1
Input Common
Output Common
17
Optical
Assembly
LED
V
OUT = IIN RF
V
OUT
R
IN
–In
I
IN
V
IN
+In
Input Circuit
Output Circuit
Connect pins 15 and 16 for bipolar,
and pins 16 and 17 for unipolar.
Connect pins 7 and 8 for bipolar,
and pins 8 and 9 for unipolar.
9
+


Similar Part No. - ISO100BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO102 BURR-BROWN-ISO102 Datasheet
230Kb / 15P
   SIGNAL ISOLATION BUFFER AMPLIFIERS
ISO102B BURR-BROWN-ISO102B Datasheet
230Kb / 15P
   SIGNAL ISOLATION BUFFER AMPLIFIERS
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
ISO103B BURR-BROWN-ISO103B Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
Texas Instruments
ISO1042 TI1-ISO1042 Datasheet
1Mb / 26P
[Old version datasheet]   Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
More results

Similar Description - ISO100BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Clare, Inc.
LIA100 CLARE-LIA100 Datasheet
96Kb / 6P
   Linear Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
Clare, Inc.
LIA101 CLARE-LIA101 Datasheet
97Kb / 6P
   Linear Isolation Amplifier
LIA120 CLARE-LIA120 Datasheet
1Mb / 9P
   Optically Isolated Linear Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com